Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1023-70CWC Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C1023-70CWC
Description  LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1023-70CWC Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C1023-70CWC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P4C1023/P4C1023L
Page 4 of 11
Document # SRAM126 REV OR
Notes:
1. WE is HIGH for READ cycle.
2. CE and OE are LOW for READ cycle.
3. ADDRESS must be valid prior to, or coincident with later of
CE transition LOW.
READ CYCLE NO. 1 (OE
OE
OE
OE
OE CONTROLLED)(1)
READ CYCLE NO. 2 (ADDRESS CONTROLLED)
READ CYCLE NO. 3 (CE
CE
CE
CE
CE CONTROLLED)
4. Transition is measured ± 200 mV from steady state voltage prior
to change, with loading as specified in Figure 1. This parameter
is sampled and not 100% tested.
5. READ Cycle Time is measured from the last valid address to the
first transitioning address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com