Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1023-70CWC Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1023-70CWC
Description  LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1023-70CWC Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1023-70CWC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Document # SRAM126 REV OR
Revised October 2005
P4C1023/P4C1023L
LOW POWER 128K x 8
SINGLE CHIP ENABLE
CMOS STATIC RAM
locations are specified on address pins A
0 to A16. Read-
ing is accomplished by device selection (CE low) and
output enabling (OE) while write enable (WE) remains
HIGH. By presenting the address under these condi-
tions, the data in the addressed memory location is pre-
sented on the data input/output pins. The input/output
pins stay in the HIGH Z state when either CE is HIGH or
WE is LOW.
The P4C1023L is packaged in a 32-pin 400 or 600 mil
ceramic DIP and in a 32-pin ceramic SOJ.
The P4C1023L is a 1 Megabit low power CMOS static
RAM organized as 128K x 8. The CMOS memory re-
quires no clocks or refreshing, and has equal access
and cycle times. Inputs are fully TTL-compatible. The
RAM operates from a single 5V±10% tolerance power
supply.
Access times of 55 ns and 70 ns are availale. CMOS is
utilized to reduce power consumption to a low level.
The P4C1023L device provides asynchronous opera-
tion with matching access and cycle times. Memory
Common Data I/O
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Automatic Power Down
Packages
—32-Pin 400 or 600 mil Ceramic DIP
—32-Pin Ceramic SOJ
V
CC Current
— Operating: 35mA
— CMOS Standby: 100µA
Access Times
—55/70 ns
Single 5 Volts ±10% Power Supply
Easy Memory Expansion Using CE
CE
CE
CE
CE and OE
OE
OE
OE
OE
Inputs
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
DIP (C10, C11), CERAMIC SOJ (CJ1)
TOP VIEW


Similar Part No. - P4C1023-70CWC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J3C PYRAMID-P4C1024-15J3C Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J3I PYRAMID-P4C1024-15J3I Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J4C PYRAMID-P4C1024-15J4C Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J4I PYRAMID-P4C1024-15J4I Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
More results

Similar Description - P4C1023-70CWC

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
LOW POWER 128K x 8 CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com