Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1023-70CWC Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C1023-70CWC
Description  LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1023-70CWC Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C1023-70CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P4C1023/P4C1023L
Page 7 of 11
Document # SRAM126 REV OR
DATA RETENTION
1. CE
1 ≥ VDR -0.2V, CE2 ≥ VDR -0.2V or CE2 ≤ 0.2V; or CE1 ≤ 0.2V, CE2 - 0.2V; VIN ≥ VDR -0.2V or VIN ≤ 0.2V
LOW V
CC DATA RETENTION WAVEFORM
Symbol
Parameter
Test Conditions
Unit
Max
Min
V
DR
I
CCDR
V
CC for Data Retention
Data Retention Current
CE
≥ V
CC -0.2V,
V
IN ≥ VCC -0.2V or VIN ≤ 0.2V
2.0
5.5
V
V
DR = 2.0V
V
DR = 3.0V
50
µA
100
µA
t
R
Operating Recovery Time
Chip Deselect to Data
Retention Time
See Retention Waveform
t
RC
0
ns
ns
t
CDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com