Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1023-70CWC Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C1023-70CWC
Description  LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1023-70CWC Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C1023-70CWC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1023-70CWC Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P4C1023/P4C1023L
Page 6 of 11
Document # SRAM126 REV OR
Write
Active
Read
TIMING WAVEFORM OF WRITE CYCLE NO.2 (CE
CE
CE
CE
CE CONTROLLED)(6)
* including scope and test fixture.
Note:
Because of the high speed of the P4C1023L, care must be taken when
testing this device; an inadequate setup can cause a normal function-
ing part to be rejected as faulty. Long high-inductance leads that cause
supply bounce must be avoided by bringing the V
CC and ground planes
directly up to the contactor fingers. A 0.01 µF high frequency capacitor
is also required between V
CC and ground.
To avoid signal reflections, proper termination must be used; for
example, a 50
Ω test environment should be terminated into a 50Ω
load with 1.77V (Thevenin Voltage) at the comparator input, and a
589
Ω resistor must be used in series with D
OUT to match 639Ω
(Thevenin Resistance).
AC TEST CONDITIONS
TRUTH TABLE
Input Pulse Levels
Input Rise and Fall Times
Input Timing Reference Level
Output Timing Reference Level
Output Load
GND to 3.0V
3ns
1.5V
1.5V
See Figures 1 and 2
Mode
Standby
D
OUT Disabled
Standby
Power
I/O
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
CE
CE
CE
CE
CE
High Z
D
OUT
D
IN
X
H
H
L
X
H
L
X
H
L
L
L
Active
Active
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com