Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7140LA55FG Datasheet(PDF) 18 Page - Integrated Device Technology

Part # IDT7140LA55FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140LA55FG Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button IDT7140LA55FG Datasheet HTML 11Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 12Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 13Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 14Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 15Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 16Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 17Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 18Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
18
Ordering Information
NOTES:
1. Contact your local sales office for industrial temp range for other speeds, packages and powers.
2. Green parts available. For specific speeds, pacakges and powers contact your local sales office.
3. For "P", plastic DIP, when ordering green package the suffix is "PDG".
48-pin Plastic DIP (P48-1)
48-pin Sidebraze DIP (C48-2)
52-pin PLCC (J52-1)
48-pin LCC (L48-1)
48-pin Ceramic Flatpack (F48-1)
64-pin TQFP (PN64-1)
64-pin STQFP (PP64-1)
XXXX
IDT
Device Type
A999
A
A
Power
Speed
Package
Process/
Temperature
Range
7130
7140
Speed in
nanoseconds
8K (1K x 8-Bit) MASTER Dual-Port RAM
8K (1K x 8-Bit) SLAVE Dual-Port RAM
Commercial PLCC, TQFP and STQFP Only
Commercial, Industrial & Military
Commercial & Military
Commercial, Industrial & Military
Commercial, Industrial & Military
2689 drw 19
BLANK
I(1)
B
Commercial (0
°Cto +70°C)
Industrial (-40
°Cto +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38535 QML
P
C
J
L48
F
PF
TF
20
25
35
55
100
LA
SA
Low Power
Standard Power
,
A
GGreen
(2)
(3)
Datasheet Document History
03/15/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetic and typographical corrections
Pages 2 and 3
Added additional notes to pin configurations
06/08/99:
Changed drawing format
08/02/99:
Page 2
Corrected package number in note 3
09/29/99:
Page 2
Fixed pin 1 in DIP pin configuration
11/10/99:
Page 1 & 18
Replaced IDT logo
06/23/00:
Page 4
Increased storage temperature parameters
Clarified TA parameter
Page 5
DC Electrical parameters–changed wording from "open" to "disabled"
Page 10
Changed ±500mV to 0mV in notes
01/08/02:
Page 1
Added Ceramic Flatpack to 48-pin package offerings
Page 2 & 3
Added date revision to pin configurations
Page 4, 5, 8, 10,
Removed industrial temp option footnote from all tables
12,14 & 15
Continued on page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com