Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7140LA55FG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7140LA55FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140LA55FG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7140LA55FG Datasheet HTML 7Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 8Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 9Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 10Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 11Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 12Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 13Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 14Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Timing Waveform of Write Cycle No. 2, (CE Controlled Timing)(1,5)
NOTES:
1. R/
W or CE must be HIGH during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of
CE = VIL and R/W = VIL.
3. tWR is measured from the earlier of
CE or R/W going HIGH to the end of the write cycle.
4. During this period, the l/O pins are in the output state and input signals must not be applied.
5. If the
CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the HIGH impedance state.
6. Timing depends on which enable signal (
CE or R/W) is asserted last.
7. This parameter is determined be device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load
(Figure 2).
8. If
OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be placed on the
bus for the required tDW. If
OE is HIGH during a R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP.
Timing Waveform of Write Cycle No. 1, (R/W Controlled Timing)(1,5,8)
tWC
ADDRESS
OE
CE
R/
W
DATA OUT
DATA IN
tAS
(6)
tOW
tDW
tDH
tAW
tWP
(2)
tHZ
(7)
(4)
(4)
tWZ
(7)
tHZ
(7)
2689 drw 10
tWR
(3)
tWC
ADDRESS
CE
R/
W
DATA IN
tAS
(6)
tEW
(2)
tWR
(3)
tDW
tDH
tAW
2689 drw 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com