Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7140LA55FG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7140LA55FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140LA55FG Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7140LA55FG Datasheet HTML 1Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 2Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 3Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 4Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 5Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 6Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 7Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 8Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
APRIL 2006
DSC-2689/13
©2006 Integrated Device Technology, Inc.
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
and
INTERRUPT
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A9L
A0L
2689 drw 01
I/O0L- I/O7L
CEL
OEL
R/
WL
INTL
BUSYR
I/O0R-I/O7R
A9R
A0R
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/
WR
CER
OER
10
10
R/
WR
,
HIGH SPEED
1K X 8 DUAL-PORT
STATIC SRAM
IDT7130SA/LA
IDT7140SA/LA
Features
High-speed access
– Commercial: 20/25/35/55/100ns (max.)
– Industrial: 25/55/100ns (max.)
– Military: 25/35/55/100ns (max.)
Low-power operation
– IDT7130/IDT7140SA
Active: 550mW (typ.)
Standby: 5mW (typ.)
– IDT7130/IDT7140LA
Active: 550mW (typ.)
Standby: 1mW (typ.)
MASTER IDT7130 easily expands data bus width to 16-or-
more-bits using SLAVE IDT7140
Functional Block Diagram
NOTES:
1.
IDT7130 (MASTER):
BUSY is open drain output and requires pullup resistor.
IDT7140 (SLAVE):
BUSY is input.
2.
Open drain output: requires pullup resistor.
On-chip port arbitration logic (IDT7130 Only)
BUSY output flag on IDT7130; BUSY input on IDT7140
INT flag for port-to-port communication
Fully asynchronous operation from either port
Battery backup operation–2V data retention (LA only)
TTL-compatible, single 5V ±10% power supply
Military product compliant to MIL-PRF-38535 QML
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Available in 48-pin DIP, LCC and Ceramic Flatpack, 52-pin
PLCC, and 64-pin STQFP and TQFP
Green parts available, see ordering information


Similar Part No. - IDT7140LA55FG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7140LA55F IDT-IDT7140LA55F Datasheet
218Kb / 14P
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT7140LA55FB IDT-IDT7140LA55FB Datasheet
218Kb / 14P
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7140LA55FG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com