Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7140LA55FG Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT7140LA55FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140LA55FG Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT7140LA55FG Datasheet HTML 11Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 12Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 13Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 14Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 15Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 16Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 17Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 18Page - Integrated Device Technology IDT7140LA55FG Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
tINS
ADDR'A'
INT'B'
INTERRUPT ADDRESS
tWC
tAS
R/
W'A'
tWR
2689 drw 16
(3)
(3)
(2)
(4)
INT
Set:
Timing Waveform of Interrupt Mode(1)
NOTES:.
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. See Interrupt Truth Table II.
3. Timing depends on which enable signal (
CE or R/W) is asserted last.
4. Timing depends on which enable signal (
CE or R/W) is de-asserted first.
INT
Clear:
AC Electrical characteristics Over the
Operating Temperature and Supply Voltage Range(1)
NOTES:
1.
'X' in part numbers indicates power rating (SA or LA).
7130X55
7140X55
Com'l, Ind
& Military
7130X100
7140X100
Com'l, Ind
& Military
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tINS
Interrupt Set Time
____
45
____
60
ns
tINR
Interrupt Reset Time
____
45
____
60
ns
2689 tbl 12b
tRC
INTERRUPT CLEAR ADDRESS
ADDR'B'
OE'B'
tINR
INT'A'
2689 drw 17
tAS
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com