Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX2063A
Description  1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & I2C Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063A Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX2063A Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063A
Document Number DS46006 Rev 3-2
www.diodes.com
1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & I2C Control
Ordering Number
Package Code Description
PI2DPX2063AFLAEX
FLA
32-Pin, W-LGA4528-32
Notes:
• E = Pb-free and Green
• X suffix = Tape/Reel
A Product Line of
Diodes Incorporated
PI2DPX2063A
b
P
Lead-free Green
Ordering Information
Features
y
4-to-4 Linear ReDriver Channel Configuration with CTLE
Gain Compensation Up to 13.4dB @20Gbps
y
Supports 4-Lane DP2.1 (UHBR20/UHBR13.5/UHBR10)/
HDBR3/HBR2/RBR
y
Ultra Low Latency (<300ps) for Better Interoperability and
Data Throughput
y
Individual Controls on CTLE Gain (2.4 to 13.0dB), Flat Gain
(-4 to +2dB)
y
Integrated AUX Channel Listener for D3 Power Saving Mode
y
I2C Slave Support with Speed Up to 1MHz
y
Low Active Current Consumption
à
4-lane DP: 160mA (typical)
y
Support DisplayPort Dual Mode
y
Single Power Supply: 1.8V +/-5%
y
Industrial Temperature Support: -40oC to +85oC
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
For automotive applications requiring specific change control
(i.e.partsqualifiedtoAEC-Q100/101/104/200,PPAPcapable,and
manufactured in IATF 16949 certified facilities), please contact
us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
à
Tiny 32-pin, WLGA, 2.85 x 4.5 mm (0.4 mm pitch) (FLA)
Application(s)
y
Laptops, Desktops and AIO PCs
y
Workstations and Servers
y
Docking Stations
y
Display Monitors
y
Gaming Consoles
y
Active Cables
Description
The DIODES PI2DPX2063A is a 20Gbps DP2.1/DP1.4 linear Re-
Driver™ in a 4-to-4 configuration operated by a 1.8V power sup-
ply. The device supports UHBR20 (DP2.1 20Gbps), UHBR13.5
(DP2.1 13.5Gbps), UHBR10 (DP2.1 10Gbps), HBR3 (DP1.4
8.1Gbps), HBR2 (DP1.2 5.4Gbps), HBR (DP1.1 2.7Gbps) and
RBR (DP1.0 1.62Gbps) under various DisplayPort speeds. With
the on-chip AUX channel listener, the device can automatically
monitor the system operation status to enter D3 power saving
mode.
The non-blocking linear ReDriver design ensures that the dif-
ferential signals conveying pre-shoot and de-emphasis equal-
ization waveforms from the transmitter side to the receiver side
help optimize the overall channel link adjustment conducted by
the system transmitter and receiver that has been equipped with
DFE. The CTLE equalizers are implemented at the inputs of the
ReDriver to compensate the channel loss and reduce the ISI jit-
ters. The programmable flat gain adjustments support the eye
diagram opening.
The CTLE EQ gains and flat gains are individually programma-
ble on each channel for flexible tuning via I2C register settings.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
Control Logics
AUX Listener
System
SoC
DP2.1++
PI2DPX2063A
DP2.1 ReDriver
AUXP
AUXN
HPD
PI2DPX2063A in DP2.1 PC Motherboard Application


Similar Part No. - PI2DPX2063A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX2063A DIODES-PI2DPX2063A Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
More results

Similar Description - PI2DPX2063A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com