Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 9Page - Cirrus Logic CS5571 Datasheet HTML 10Page - Cirrus Logic CS5571 Datasheet HTML 11Page - Cirrus Logic CS5571 Datasheet HTML 12Page - Cirrus Logic CS5571 Datasheet HTML 13Page - Cirrus Logic CS5571 Datasheet HTML 14Page - Cirrus Logic CS5571 Datasheet HTML 15Page - Cirrus Logic CS5571 Datasheet HTML 16Page - Cirrus Logic CS5571 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
CS5571
DS768A5
13
6/25/07
14:12
2. OVERVIEW
The CS5571 is a 16-bit analog-to-digital converter capable of 100 kSps conversion rate. The analog input
accepts a single-ended input with a magnitude of ±VREF / 2 volts. The device is capable of switching mul-
tiple input channels at a high rate with no loss in throughput. The ADC uses a low-latency digital filter ar-
chitecture. The filter is designed for fast settling and settles to full accuracy in one conversion.
The converter is a serial output device. The serial port can be configured to function as either a master or
a slave.
The CS5571 provides self-calibration circuitry to achieve low offset and gain errors.
The converter can operate from an analog supply of 5V or from ±2.5V. The digital interface supports stan-
dard logic operating from 1.8, 2.5, or 3.3 V.
The CS5571 may convert at rates up to 100 kSps when operating from a 16 MHz input clock.
3. THEORY OF OPERATION
The CS5571 converter provides high-performance measurement of DC or AC signals. The converter in-
cludes on-chip calibration circuitry to minimize offset and gain errors. The converter can be used to per-
form single conversions or continuous conversions upon command. Each conversion is independent of
previous conversions and settles to full specified accuracy, even with a full-scale input voltage step. This
is due to the converter architecture which uses a combination of a high-speed delta-sigma modulator and
a low-latency filter architecture.
Once power is established to the converter, a reset must be performed. A reset initializes the internal con-
verter logic and sets the offset register to zero and the gain register to a decimal value of 1.0. If the CAL
pin is low when RST returns high, no calibration will be performed. If CAL is high when RST transitions
from low to high, the converter’s offset & gain slope will be calibrated.
If CONV is held low then the converter will convert continuously with RDY falling every 160 MCLKs. This
is equivalent to 100 kSps if MCLK = 16.0 MHz. If CONV is tied to RDY, a conversion will occur every 162
MCLKs. If CONV is operated asynchronously to MCLK, it may take up to 164 MCLKs from CONV falling
to RDY falling.
Multiple converters can operate synchronously if they are driven by the same MCLK source and CONV
to each converter falls on the same MCLK falling edge. Alternately, CONV can be held low and all devices
are reset with RST rising on the same falling edge of MCLK.
The output coding of the conversion word is a function of the BP/UP pin.
3.1 Reset and Calibration
After the power supplies and the voltage reference are stable, the converter must be reset. The reset func-
tion initializes the internal logic in the converter, but does not initiate calibration. After reset has been per-
formed, the converter can be used uncalibrated, or calibration can be performed. Calibration minimizes
offset and gain errors inside the converter. If the device is used without calibration, conversions will in-
clude the offset and gain errors of the uncalibrated converter, but the converter will maintain its differential
and integral linearity. Calibration of offset and gain can be performed upon command.
Calibration can be initiated in either of two ways. If CAL is high when RST transitions from low to high a
calibration cycle will be performed immediately after a reset is performed. When calibration is performed,
the offset and full-scale points of the converter are calibrated. A calibration cycle takes 327,680 MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com