Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 18Page - Cirrus Logic CS5571 Datasheet HTML 19Page - Cirrus Logic CS5571 Datasheet HTML 20Page - Cirrus Logic CS5571 Datasheet HTML 21Page - Cirrus Logic CS5571 Datasheet HTML 22Page - Cirrus Logic CS5571 Datasheet HTML 23Page - Cirrus Logic CS5571 Datasheet HTML 24Page - Cirrus Logic CS5571 Datasheet HTML 25Page - Cirrus Logic CS5571 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
CS5571
22
DS768A5
6/25/07
14:12
introduce distortion components unless there is an appropriate amount of dither present. DITHER in the
CS5571 can be set to ON for AC signal measurement or for averaging DC signals. DITHER can be set to
OFF for improved resolution when performing a single conversion on a DC signal.
3.10 Digital Filter Characteristics
The digital filter is designed for fast settling, therefore it exhibits very little in-band attenuation. The filter
attenuation is 1.040 dB at 50 kHz when sampling at 100 kSps.
Figure 12. CS5571 Spectral Response (DC to fs/2)
Figure 13. CS5571 Spectral Response (DC to 10 kHz)
Figure 14. CS5571 Spectral Response (DC to 4fs)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0
10k
20k
30k
40k
50k
Frequency (Hz)
-0.0414 dB
-0.1660 dB
-0.3740 dB
-0.6660 dB
-1.040 dB
fs = 100 kSps
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0
2k4k
6k8k
10k
Frequency (Hz)
-0.001650 dB
-0.00700 dB
-0.01490 dB
-0.02643 dB
-0.04140 dB
fs = 100 kSps
-120
-100
-80
-60
-40
-20
0
0
100k
200k
300k
400k
Frequency (Hz)
fs = 100 kSps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com