Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5571 Datasheet HTML 1Page - Cirrus Logic CS5571 Datasheet HTML 2Page - Cirrus Logic CS5571 Datasheet HTML 3Page - Cirrus Logic CS5571 Datasheet HTML 4Page - Cirrus Logic CS5571 Datasheet HTML 5Page - Cirrus Logic CS5571 Datasheet HTML 6Page - Cirrus Logic CS5571 Datasheet HTML 7Page - Cirrus Logic CS5571 Datasheet HTML 8Page - Cirrus Logic CS5571 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CS5571
4
DS768A5
6/25/07
14:12
1. CHARACTERISTICS AND SPECIFICATIONS
•
Min / Max characteristics and specifications are guaranteed over the specified operating conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
•
VLR = 0 V. All voltages measured with respect to 0 V.
ANALOG CHARACTERISTICS T
A = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- = V2- = -2.5 V,
±5%; VL -VLR = 3.3 V, ±5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 16 MHz; SMODE = VL. DITHER = VL
unless otherwise stated; BUFEN = V1+ unless otherwise stated. Connected per Figure 5. Bipolar mode unless oth-
erwise stated.
1.
Applies after calibration at any temperature within -40 °C to +85 °C.
2.
No missing codes is guaranteed at 16 bits resolution over the specified temperature range.
3.
Total drift over specified temperature range after calibration at power-up, at 25º C.
4.
With DITHER off the output will be dominated by quantization.
5.
Scales with MCLK.
Parameter
Min
Typ
Max
Unit
Accuracy
Linearity Error
(Note 1)
-
0.0007
-
±%FS
Differential Linearity Error
(Note 2)
-
-
±0.1
LSB16
Positive Full-scale Error
After Reset
After Calibration (Note 1)
-
-
1.0
-
%FS
LSB16
Negative Full-scale Error
After Reset
After Calibration (Note 1)
-
-
1.0
-
%FS
LSB16
Full-scale Drift
(Note 3)
-
±1
-
LSB16
Unipolar Offset
After Reset
After Calibration (Note 1)
-
-
-
-
LSB16
LSB16
Unipolar Offset Drift
(Note 3)
-
±2
-
LSB16
Bipolar Offset
After Reset
After Calibration (Note 1)
-
-
-
-
LSB16
LSB16
Bipolar Offset Drift
(Note 3)
-
±1
-
LSB16
Noise
(Note 4)
-
36
-
µVrms
Dynamic Performance
Peak Harmonic or Spurious Noise
1 kHz, -0.5 dB Input
12 kHz, -0.5 dB Input
-
-
-110
-110
-
-
dB
dB
Total Harmonic Distortion
1 kHz, -0.5 dB Input
-
-102
-
dB
Signal-to-Noise
-
92
-
dB
S/(N + D) Ratio
-0.5 dB Input, 1 kHz
-60 dB Input, 1 kHz
-
-
91
32
-
-
dB
dB
-3 dB Input Bandwidth
(Note 5)
-
84
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com