Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 17Page - Cirrus Logic CS5571 Datasheet HTML 18Page - Cirrus Logic CS5571 Datasheet HTML 19Page - Cirrus Logic CS5571 Datasheet HTML 20Page - Cirrus Logic CS5571 Datasheet HTML 21Page - Cirrus Logic CS5571 Datasheet HTML 22Page - Cirrus Logic CS5571 Datasheet HTML 23Page - Cirrus Logic CS5571 Datasheet HTML 24Page - Cirrus Logic CS5571 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CS5571
DS768A5
21
6/25/07
14:12
This excellent DNL performance impacts small-signal performance. For small signals, an error in the size
of a code represents a much greater percentage of the signal than with a full-scale input signal. Figure
10 illustrates the small-signal performance of the CS5571. The signal is at -80 dB from full scale. There-
fore, the input is at 1/10,000th of full scale, having a peak-to-peak magnitude of only a few codes. Excel-
lent DNL and proper dither allows the CS5571 to achieve high spectral purity with very small signals.
Figure 10. CS5571 Small Signal Performance (Dither On)
Figure 11. CS5571 Small Signal Performance (Dither Off)
Figure 11 illustrates the performance of the CS5571 under the same signal conditions as figure 10 but
with DITHER set to OFF. For small signals, good DNL alone is not adequate as the quantization itself can
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
5k
10k
15k
20k
25k
30k
35k
40k
45k
50k
Frequency (Hz)
Input Signal = 1 kHz @ -80 dB
64k Samples @ 100 kSps
DITHER ON
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
5k
10k
15k
20k
25k
30k
35k
40k
45k
50k
Frequency (Hz)
Input Signal = 1 kHz @ -80 dB
64k Samples @ 100 kSps
DITHER OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com