Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3684AUTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG3684AUTR
Description  Low voltage 0.5 Ω max dual SPDT switch with break-before-make
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684AUTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG3684AUTR Datasheet HTML 5Page - STMicroelectronics STG3684AUTR Datasheet HTML 6Page - STMicroelectronics STG3684AUTR Datasheet HTML 7Page - STMicroelectronics STG3684AUTR Datasheet HTML 8Page - STMicroelectronics STG3684AUTR Datasheet HTML 9Page - STMicroelectronics STG3684AUTR Datasheet HTML 10Page - STMicroelectronics STG3684AUTR Datasheet HTML 11Page - STMicroelectronics STG3684AUTR Datasheet HTML 12Page - STMicroelectronics STG3684AUTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
STG3684A
Electrical characteristics
9/28
4
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIH
High level input
voltage
1.65
1.95
0.65
VCC
0.65
VCC
V
2.3
−2.5
1.2
1.2
2.7
−3.0
1.3
1.3
3.0
−3.6
1.4
1.4
4.3
1.5
1.5
VIL
Low level input
voltage
1.65
1.95
0.25
0.25
V
2.3
−2.5
0.25
0.25
2.7
−3.0
0.25
0.25
3.0
−3.6
0.30
0.30
4.3
0.40
0.40
RON
Switch ON
resistance (1)
4.3
VS =0V to
VCC
IS = 100 mA
0.40
0.45
0.50
Ω
3.6
0.40
0.50
0.60
3.0
0.40
0.50
0.60
2.3
0.48
0.70
0.80
1.8
0.55
0.9
1.0
ΔRON
ON resistance
match between
channels (1)(2)
2.7
VS =1.5 V
IS = 100 mA
0.1
Ω
RFLAT
ON resistance
flatness (3)
4.3
VS =1.5 V
IS = 100 mA
0.15
0.20
0.20
Ω
3.6
0.15
0.20
0.20
3.0
0.15
0.20
0.20
2.7
0.15
0.20
0.20
2.3
0.20
0.25
0.25
1.65
0.35
0.45
0.45
IOFF
OFF state
leakage current
(nSn), (Dn)
4.3
VS=0.3 or
4V
±20
±100 nA
IIN
Input leakage
current
0
−4.3
VIN = 0 to
4.3 V
±0.05
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com