Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3684AUTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG3684AUTR
Description  Low voltage 0.5 Ω max dual SPDT switch with break-before-make
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684AUTR Datasheet(HTML) 5 Page - STMicroelectronics

  STG3684AUTR Datasheet HTML 1Page - STMicroelectronics STG3684AUTR Datasheet HTML 2Page - STMicroelectronics STG3684AUTR Datasheet HTML 3Page - STMicroelectronics STG3684AUTR Datasheet HTML 4Page - STMicroelectronics STG3684AUTR Datasheet HTML 5Page - STMicroelectronics STG3684AUTR Datasheet HTML 6Page - STMicroelectronics STG3684AUTR Datasheet HTML 7Page - STMicroelectronics STG3684AUTR Datasheet HTML 8Page - STMicroelectronics STG3684AUTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
STG3684A
Pin settings
5/28
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1S2
1S1
V
GND
2S1
2S2
1
2
3
6
7
8
CC
V
CC
1IN
1S1
D1
1S2
1
2
3
4
5
10
9
8
7
6
2S2
D2
2S1
2IN
GND
QFN10L (1.8 x 1.4 mm)
DFN10L (2.3x2mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com