Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3684AUTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STG3684AUTR
Description  Low voltage 0.5 Ω max dual SPDT switch with break-before-make
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684AUTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STG3684AUTR Datasheet HTML 14Page - STMicroelectronics STG3684AUTR Datasheet HTML 15Page - STMicroelectronics STG3684AUTR Datasheet HTML 16Page - STMicroelectronics STG3684AUTR Datasheet HTML 17Page - STMicroelectronics STG3684AUTR Datasheet HTML 18Page - STMicroelectronics STG3684AUTR Datasheet HTML 19Page - STMicroelectronics STG3684AUTR Datasheet HTML 20Page - STMicroelectronics STG3684AUTR Datasheet HTML 21Page - STMicroelectronics STG3684AUTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Package mechanical data
STG3684A
18/28
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 12.
QFN10L (1.8 x 1.4 mm) package outline
1.
Drawing not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com