Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3684AUTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STG3684AUTR
Description  Low voltage 0.5 Ω max dual SPDT switch with break-before-make
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684AUTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STG3684AUTR Datasheet HTML 15Page - STMicroelectronics STG3684AUTR Datasheet HTML 16Page - STMicroelectronics STG3684AUTR Datasheet HTML 17Page - STMicroelectronics STG3684AUTR Datasheet HTML 18Page - STMicroelectronics STG3684AUTR Datasheet HTML 19Page - STMicroelectronics STG3684AUTR Datasheet HTML 20Page - STMicroelectronics STG3684AUTR Datasheet HTML 21Page - STMicroelectronics STG3684AUTR Datasheet HTML 22Page - STMicroelectronics STG3684AUTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
STG3684A
Package mechanical data
19/28
Figure 13.
QFN10L (1.8 x 1.4 mm) footprint recommendations
1.
Drawing not to scale.
Table 9.
QFN10L (1.8 x 1.4 mm) mechanical data
Symbol
millimeters
inches
Nom
Min
Max
Nom
Min
Max
A
0.50
0.45
0.55
0.020
0.017
0.021
A1
0.02
0
0.05
0.001
0
0.002
A3
0.127
0.005
0
0
b
0.20
0.15
0.25
0.007
0.006
0.010
D
1.80
1.70
1.90
0.070
0.066
0.074
E
1.40
1.30
1.50
0.055
0.051
0.059
e
0.40
0.015
L
0.40
0.30
0.50
0.015
0.011
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com