Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 21 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 17Page - Texas Instruments TDA4VM Datasheet HTML 18Page - Texas Instruments TDA4VM Datasheet HTML 19Page - Texas Instruments TDA4VM Datasheet HTML 20Page - Texas Instruments TDA4VM Datasheet HTML 21Page - Texas Instruments TDA4VM Datasheet HTML 22Page - Texas Instruments TDA4VM Datasheet HTML 23Page - Texas Instruments TDA4VM Datasheet HTML 24Page - Texas Instruments TDA4VM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
B23
mcu_ospi1_dqs
MCU_OSPI1_DQS
0
I
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_OSPI0_CSn3
1
O
MCU_HYPERBUS0_INTn
2
I
1
MCU_OSPI0_ECC_FAIL
6
I
1
WKUP_GPIO0_31
7
IO
0
A23
mcu_ospi1_lbclko
MCU_OSPI1_LBCLKO
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
1/1
MCU_OSPI0_CSn2
1
O
MCU_HYPERBUS0_RESETOn
2
I
1
MCU_OSPI0_RESET_OUT0
6
O
WKUP_GPIO0_30
7
IO
0
F19
mcu_ospi0_csn0
MCU_OSPI0_CSn0
0
O
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0/1
MCU_HYPERBUS0_CSn0
1
O
WKUP_GPIO0_27
7
IO
0
E19
mcu_ospi0_csn1
MCU_OSPI0_CSn1
0
O
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0/1
MCU_HYPERBUS0_RESETn
1
O
WKUP_GPIO0_28
7
IO
0
D20
mcu_ospi0_d0
MCU_OSPI0_D0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_HYPERBUS0_DQ0
1
IO
0
WKUP_GPIO0_19
7
IO
0
G19
mcu_ospi0_d1
MCU_OSPI0_D1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_HYPERBUS0_DQ1
1
IO
0
WKUP_GPIO0_20
7
IO
0
G20
mcu_ospi0_d2
MCU_OSPI0_D2
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_HYPERBUS0_DQ2
1
IO
0
WKUP_GPIO0_21
7
IO
0
F20
mcu_ospi0_d3
MCU_OSPI0_D3
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_HYPERBUS0_DQ3
1
IO
0
WKUP_GPIO0_22
7
IO
0
F21
mcu_ospi0_d4
MCU_OSPI0_D4
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_HYPERBUS0_DQ4
1
IO
0
WKUP_GPIO0_23
7
IO
0
E21
mcu_ospi0_d5
MCU_OSPI0_D5
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_HYPERBUS0_DQ5
1
IO
0
WKUP_GPIO0_24
7
IO
0
B22
mcu_ospi0_d6
MCU_OSPI0_D6
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_HYPERBUS0_DQ6
1
IO
0
WKUP_GPIO0_25
7
IO
0
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com