Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 3 Page - Texas Instruments

  TDA4VM Datasheet HTML 1Page - Texas Instruments TDA4VM Datasheet HTML 2Page - Texas Instruments TDA4VM Datasheet HTML 3Page - Texas Instruments TDA4VM Datasheet HTML 4Page - Texas Instruments TDA4VM Datasheet HTML 5Page - Texas Instruments TDA4VM Datasheet HTML 6Page - Texas Instruments TDA4VM Datasheet HTML 7Page - Texas Instruments TDA4VM Datasheet HTML 8Page - Texas Instruments TDA4VM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 331 page
background image
3 Description
The TDA4VM processor family targeted at ADAS and Autonomous Vehicle (AV) applications and built on
extensive market knowledge accumulated over a decade of TI’s leadership in the ADAS processor market.
The unique combination high-performance compute, deep-learning engine, dedicated accelerators for signal
and image processing in a functional safety compliant targeted architecture make the TDA4VM devices a
great fit for several industrial applications, such as: Robotics, Machine Vision, Radar, and so on. The TDA4VM
provides high performance compute for both traditional and deep learning algorithms at industry leading power/
performance ratios with a high level of system integration to enable scalability and lower costs for advanced
automotive platforms supporting multiple sensor modalities in centralized ECUs or stand-alone sensors. Key
cores include next generation DSP with scalar and vector cores, dedicated deep learning and traditional
algorithm accelerators, latest Arm and GPU processors for general compute, an integrated next generation
imaging subsystem (ISP), video codec, Ethernet hub and isolated MCU island. All protected by automotive grade
safety and security hardware accelerators.
Key Performance Cores Overview
The “C7x” next generation DSP combines TI’s industry leading DSP and EVE cores into a single higher
performance core and adds floating point vector calculation capabilities, enabling backward compatibility for
legacy code while simplifying software programming. The new “MMA” deep learning accelerator enables
performance up to 8 TOPS within the lowest power envelope in the industry when operating at the typical
automotive worst case junction temperature of 125°C. The dedicated ADAS/AV hardware accelerators provide
vision pre-processing plus distance and motion processing with no impact on system performance.
General Compute Cores and Integration Overview
Separate dual core cluster configuration of Arm® Cortex®-A72 facilitates multi-OS applications with minimal need
for a software hypervisor. Up to six Arm® Cortex®-R5F subsystems enable low-level, timing critical processing
tasks to leave the Arm® Cortex®-A72’s unencumbered for applications. The integrated “8XE GE8430” GPU
offers up to 100 GFLOPS to enable dynamic 3D rendering for enhanced viewing applications. Building on the
existing world-class ISP, TI’s 7th generation ISP includes flexibility to process a broader sensor suite, support
for higher bit depth, and features targeting analytics applications. Integrated diagnostics and safety features
support operations up to ASIL-D/SIL-3 levels while the integrated security features protect data against modern
day attacks. To enable systems requiring heavy data bandwidth, a PCIe hub and Gigabit Ethernet switch are
included along with CSI-2 ports to support throughput for many sensor inputs. To further the integration, the
TDA4VM family also includes an MCU island eliminating the need for an external system microcontroller.
Package Information
PART NUMBER(1)
PACKAGE
PACKAGE SIZE(2)
TDA4VM…ALF
ALF (FCBGA, 827)
24.0mm × 24.0mm
XJ721E…ALF
ALF (FCBGA, 827)
24.0mm × 24.0mm
(1)
For more information, see Mechanical, Packaging, and Orderable Information.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com