Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 23 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 19Page - Texas Instruments TDA4VM Datasheet HTML 20Page - Texas Instruments TDA4VM Datasheet HTML 21Page - Texas Instruments TDA4VM Datasheet HTML 22Page - Texas Instruments TDA4VM Datasheet HTML 23Page - Texas Instruments TDA4VM Datasheet HTML 24Page - Texas Instruments TDA4VM Datasheet HTML 25Page - Texas Instruments TDA4VM Datasheet HTML 26Page - Texas Instruments TDA4VM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
C25
mcu_rgmii1_rx_ctl
MCU_RGMII1_RX_CTL
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_RMII1_RX_ER
1
I
0
WKUP_GPIO0_39
7
IO
0
B26
mcu_rgmii1_txc
MCU_RGMII1_TXC
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_RMII1_TX_EN
1
O
WKUP_GPIO0_44
7
IO
0
B27
mcu_rgmii1_tx_ctl
MCU_RGMII1_TX_CTL
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0/1
MCU_RMII1_CRS_DV
1
I
0
WKUP_GPIO0_38
7
IO
0
B24
mcu_rgmii1_rd0
MCU_RGMII1_RD0
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_RMII1_RXD0
1
I
0
WKUP_GPIO0_49
7
IO
0
A24
mcu_rgmii1_rd1
MCU_RGMII1_RD1
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_RMII1_RXD1
1
I
0
WKUP_GPIO0_48
7
IO
0
D24
mcu_rgmii1_rd2
MCU_RGMII1_RD2
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_TIMER_IO5
1
IO
0
WKUP_GPIO0_47
7
IO
0
A25
mcu_rgmii1_rd3
MCU_RGMII1_RD3
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_TIMER_IO4
1
IO
0
WKUP_GPIO0_46
7
IO
0
B25
mcu_rgmii1_td0
MCU_RGMII1_TD0
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0/1
MCU_RMII1_TXD0
1
O
WKUP_GPIO0_43
7
IO
0
A26
mcu_rgmii1_td1
MCU_RGMII1_TD1
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0/1
MCU_RMII1_TXD1
1
O
WKUP_GPIO0_42
7
IO
0
A27
mcu_rgmii1_td2
MCU_RGMII1_TD2
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0/1
MCU_TIMER_IO3
1
IO
0
MCU_ADC_EXT_TRIGGER1
3
I
0
WKUP_GPIO0_41
7
IO
0
A28
mcu_rgmii1_td3
MCU_RGMII1_TD3
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2_MC
U
Yes
LVCMOS
PU/PD
0/1
MCU_TIMER_IO2
1
IO
0
MCU_ADC_EXT_TRIGGER0
3
I
0
WKUP_GPIO0_40
7
IO
0
D27
mcu_safety_errorn
MCU_SAFETY_ERRORn
0
IO
PD
0
1.8 V
VDDA_WKUP
Yes
LVCMOS
PU/PD
1/0
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com