Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 29 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 25Page - Texas Instruments TDA4VM Datasheet HTML 26Page - Texas Instruments TDA4VM Datasheet HTML 27Page - Texas Instruments TDA4VM Datasheet HTML 28Page - Texas Instruments TDA4VM Datasheet HTML 29Page - Texas Instruments TDA4VM Datasheet HTML 30Page - Texas Instruments TDA4VM Datasheet HTML 31Page - Texas Instruments TDA4VM Datasheet HTML 32Page - Texas Instruments TDA4VM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
AF28
prg0_pru0_gpo0
PRG0_PRU0_GPO0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
PRG0_PRU0_GPI0
1
I
0
PRG0_RGMII1_RD0
2
I
0
PRG0_PWM3_A0
3
IO
0
RGMII3_RD0
4
I
0
RMII3_RXD1
5
I
0
GPIO0_43
7
IO
0
MCASP0_AXR0
12
IO
AE28
prg0_pru0_gpo1
PRG0_PRU0_GPO1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
PRG0_PRU0_GPI1
1
I
0
PRG0_RGMII1_RD1
2
I
0
PRG0_PWM3_B0
3
IO
1
RGMII3_RD1
4
I
0
RMII3_RXD0
5
I
0
GPIO0_44
7
IO
0
MCASP0_AXR1
12
IO
AE27
prg0_pru0_gpo2
PRG0_PRU0_GPO2
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
PRG0_PRU0_GPI2
1
I
0
PRG0_RGMII1_RD2
2
I
0
PRG0_PWM2_A0
3
IO
0
RGMII3_RD2
4
I
0
RMII3_CRS_DV
5
I
0
GPIO0_45
7
IO
0
UART3_RXD
8
I
0
MCASP0_ACLKR
12
IO
AD26
prg0_pru0_gpo3
PRG0_PRU0_GPO3
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
PRG0_PRU0_GPI3
1
I
0
PRG0_RGMII1_RD3
2
I
0
PRG0_PWM3_A2
3
IO
0
RGMII3_RD3
4
I
0
RMII3_RX_ER
5
I
0
GPIO0_46
7
IO
0
UART3_TXD
8
O
0
MCASP0_AFSR
12
IO
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com