Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 3Page - NXP Semiconductors PCF8534H Datasheet HTML 4Page - NXP Semiconductors PCF8534H Datasheet HTML 5Page - NXP Semiconductors PCF8534H Datasheet HTML 6Page - NXP Semiconductors PCF8534H Datasheet HTML 7Page - NXP Semiconductors PCF8534H Datasheet HTML 8Page - NXP Semiconductors PCF8534H Datasheet HTML 9Page - NXP Semiconductors PCF8534H Datasheet HTML 10Page - NXP Semiconductors PCF8534H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
7 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
6.1 Power-on-reset
At power on the PCF8534 resets to a starting condition as follows:
1. All backplane outputs are set to VLCD.
2. All segment outputs are set to VLCD.
3. The drive mode ‘1 : 4 multiplex with 1
⁄3 bias’ is selected.
4. Blinking is switched off.
5. Input and output bank selectors are reset (as defined in Table 7 old datasheet).
6. The I2C-bus interface is initialized.
7. The data pointer and the subaddress counter are cleared.
8. Display disabled.
You must avoid data transfers on the I2C-bus for 1 ms following power on to allow the
reset action to complete.
6.2 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider of the three
series resistors connected between VLCD and VSS. The centre resistor can be switched
out of the circuit to provide a 1
⁄2 bias voltage level for the 1:2 multiplex configuration.
6.3 LCD voltage selector
The LCD voltage selector co-ordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by
MODE SET commands from the command decoder.
The biasing configurations that apply to the preferred modes of operation, together with
the biasing characteristics as functions of VOP and the resulting discrimination ratios (D),
are shown in Table 5.
Fig 3.
Typical system configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
R
tr
2CB
SDA
SCL
OSC
60 segment drives
4 backplanes
LCD PANEL
(up to 240
elements)
PCF8534
A0
A1
A2
SA0
VDD
VSS
VSS
VDD
VLCD
MGL744v02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com