Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534H Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 15Page - NXP Semiconductors PCF8534H Datasheet HTML 16Page - NXP Semiconductors PCF8534H Datasheet HTML 17Page - NXP Semiconductors PCF8534H Datasheet HTML 18Page - NXP Semiconductors PCF8534H Datasheet HTML 19Page - NXP Semiconductors PCF8534H Datasheet HTML 20Page - NXP Semiconductors PCF8534H Datasheet HTML 21Page - NXP Semiconductors PCF8534H Datasheet HTML 22Page - NXP Semiconductors PCF8534H Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
19 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
7.
Application design-in information
7.1 Characteristics of the I2C bus
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a Serial Data line (SDA) and a Serial Clock Line (SCL). Both lines must
be connected to a positive supply via a pull-up resistor when connected to the output
stages of a device. Data transfer is initiated only when the bus is not busy.
7.2 Bit transfer
One data bit is transferred during each clock pulse.
The data on the SDA line must remain stable during the HIGH period of the clock pulse as
changes in the data line at this time will be interpreted as a control signal. Bit transfer is
illustrated in Figure 11.
7.3 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW
transition of the data line, while the clock is HIGH is defined as the START condition (S).
A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP
condition (P). The START and STOP conditions are illustrated in Figure 12.
7.4 System configuration
A device generating a message is a ‘transmitter’, a device receiving a message is the
‘receiver’. The device that controls the message is the ‘master’ and the devices which are
controlled by the master are the ‘slaves’. The system configuration is illustrated in
Figure 13.
Fig 11. Bit transfer
mba607
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig 12. Definition of START and STOP conditions
mbc622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com