Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 4Page - NXP Semiconductors PCF8534H Datasheet HTML 5Page - NXP Semiconductors PCF8534H Datasheet HTML 6Page - NXP Semiconductors PCF8534H Datasheet HTML 7Page - NXP Semiconductors PCF8534H Datasheet HTML 8Page - NXP Semiconductors PCF8534H Datasheet HTML 9Page - NXP Semiconductors PCF8534H Datasheet HTML 10Page - NXP Semiconductors PCF8534H Datasheet HTML 11Page - NXP Semiconductors PCF8534H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
8 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
A practical value for VOP is determined by equating VOFF(rms) with a defined LCD threshold
voltage (VTH), typically when the LCD exhibits approximately 10% contrast. In the static
drive mode a suitable choice is VOP
> 3VTH.
Multiplex drive ratios of 1:3 and 1:4 with 1
⁄2 bias are possible but the discrimination and
hence the contrast ratios are smaller e.g.:
The advantage of these modes is a reduction of the LCD full-scale voltage VOP as follows:
• 1:3 multiplex (1
⁄2 bias):
• 1:4 multiplex (1
⁄2 bias):
These compare with VOP =3 x VOFF(rms) when 1
⁄3 bias is used. Note: VOP =VLCD.
3
1.732 for 1:3 multiplex or
21
3
----------
1.528
=
⎝⎠
⎛⎞
for 1:4 multiplex
=
V
OP
6V
OFF rms
()
×
2.449V
OFF rms
()
==
V
OP
43
×
()
3
---------------------
2.309V
OFF r ms
()
==
Table 5.
Preferred LCD drive modes: summary of characteristics
LCD drive
mode
Number of:
LCD bias
configuration
Backplanes
Levels
static
1
2
static
0
1
∞
1:2
2
3
1
⁄2
0.354
0.791
2.236
1:2
2
4
1
⁄3
0.333
0.745
2.236
1:3
3
4
1
⁄3
0.333
0.638
1.915
1:4
4
4
1
⁄3
0.333
0.577
1.732
V
OFF ms
()
V
OP
-----------------------
V
ON ms
()
V
OP
--------------------
D
V
ON ms
()
V
OFF ms
()
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com