Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8534H Datasheet HTML 1Page - NXP Semiconductors PCF8534H Datasheet HTML 2Page - NXP Semiconductors PCF8534H Datasheet HTML 3Page - NXP Semiconductors PCF8534H Datasheet HTML 4Page - NXP Semiconductors PCF8534H Datasheet HTML 5Page - NXP Semiconductors PCF8534H Datasheet HTML 6Page - NXP Semiconductors PCF8534H Datasheet HTML 7Page - NXP Semiconductors PCF8534H Datasheet HTML 8Page - NXP Semiconductors PCF8534H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1.
General description
The PCF8534 is a peripheral device which interfaces to almost any Liquid Crystal Display
(LCD) with low multiplex rates. It generates the drive signals for any static or multiplexed
LCD containing up to four backplanes and up to 60 segments and can easily be cascaded
for larger LCD applications. The PCF8534 is compatible with most
microprocessors / microcontrollers and communicates via a two-line bidirectional I2C-bus.
Communication overheads are minimized using a display RAM with auto-incremented
addressing, hardware subaddressing and display memory switching (static and duplex
drive modes).
2.
Features
PCF8534
Universal LCD driver for low multiplex rates
Rev. 00.05 — 20 February 2007
Preliminary datasheet
Single-chip LCD controller / driver
Selectable backplane drive
configuration: static or 2 / 3 / 4
backplane multiplexing
Selectable display bias configuration:
static, 1
⁄2 or 1⁄3
Internal LCD bias generation with
voltage-follower buffers
60 segment drives: up to thirty
8-segment numeric characters; up to
sixteen 15-segment alphanumeric
characters; or any graphics of up to
240 elements
60 x 4-bit RAM for display data storage
Auto-incremented display data loading
across device subaddress boundaries
Display memory bank switching in static
and duplex drive modes
Versatile blinking modes
LCD and logic supplies may be
separated
Wide power supply range: from
1.8to5.5 V
Wide LCD supply range: from 2.5 V for
low threshold LCDs and up to 6.5 V for
guest-host LCDs and high threshold
(automobile) twisted nematic LCDs
Low power consumption
400 kHz I2C-bus interface
TTL/CMOS compatible
Compatible with 4-bit, 8-bit or 16-bit
microprocessors/microcontrollers
May be cascaded for 2 LCD applications
No external components
Manufactured in silicon gate CMOS
process.


Similar Part No. - PCF8534H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8534A NXP-PCF8534A Datasheet
218Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 03-10 November 2008
PCF8534A NXP-PCF8534A Datasheet
240Kb / 47P
Universal LCD driver for low multiplex rates
Rev. 05-6 August 2009
PCF8534A NXP-PCF8534A Datasheet
589Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 6-25 July 2011
PCF8534AH NXP-PCF8534AH Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
More results

Similar Description - PCF8534H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com