Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM8313 Datasheet HTML 1Page - PMC-Sierra, Inc PM8313 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-920522 (R10)
© 1998 PMC-Sierra, Inc. October, 1998
PM8313
PMC-Sierra,Inc.
M13 Multiplexer/Demultiplexer
D3MX
FEATURES
• Integrates a complete M13 multiplexer/
demultiplexer in a single monolithic
device.
• Integral framer supports the M23 or C-
bit parity DS3 format with path
maintenance datalink processing and
bit-oriented code support for Far-End
Alarm and Control (FEAC) channel
termination.
• Supports either the M12 or the G.747
formats to allow DS1 or E1 signals to
be multiplexed into a DS3 signal.
• Allows the M12 stages to be bypassed
allowing direct input of DS2 signals.
• Generates an interrupt upon detection
of various alarms, events, or changes
in status. Identification of interrupt
sources, masking of interrupt sources,
and acknowledgement of interrupts is
provided via internal registers.
• Application-compatible with the
PM4351 COMET T1 Transceiver,
PM4341A T1XC T1 Transceiver,
PM4344 TQUAD Quad T1 Framer,
PM4388 TOCTL Octal T1 Framer,
PM6341 E1XC E1 Transceiver,
PM6344 EQUAD Quad E1 Framer,
PM6388 EOCTL Octal E1 Framer,
PM4314 QDSX Quad E1/T1 LIU, and
the PM7344 S/UNI®-MPH.
• Provides a generic 8-bit
microprocessor interface for
configuration, control, and status
monitoring.
• Low power 5 V CMOS technology.
• Available in a high density (28 by
28 mm) 208-pin Plastic Quad Flat
Pack (PQFP) package.
DS3 FRAMER SECTION
• Detects/inserts DS3 Alarm Indication
Signal (AIS) and Idle signal - operates
correctly in the presence of 10-3 Bit
Error Ratio (BER).
• Extracts/inserts the X,P,M,F,C and the
stuff opportunity bits and serializes for
optional external processing.
• Extracts/inserts the C-bit parity mode
path maintenance datalink and
serializes for optional external
processing.
• Extracts/inserts the C-bit parity bit-
oriented codes in the FEAC channel.
• Detects and accumulates EXcessive
Zeros (EXZ), Loss Of Signal (LOS),
Line Code Violations (LCVs) P-bit,
F-bit, or M-bit errors, C-bit parity errors
and Far-End Block Errors (FEBEs).
• Supports DS3 line loopback and DS3
diagnostic loopback modes to assist in
fault isolation.
M23 AND M12 MULTIPLEX/
DEMULTIPLEX SECTIONS
• Supports combination of four DS1 bit
streams or the combination of three E1
bit streams per G.747 into a single
M12 stream.
• Supports per-DS2 payload loopback
requests via C-bits or microprocessor
control.
• Accumulates DS2 M-bit, F-bit, and
G.747 framing bit/word error events.
• Supports DS2 AIS assertion based on
DS3 LOF, or under microprocessor
control.
• Supports DS2 tributary AIS activation/
deactivation in either direction under
microprocessor control.
• Inserts/detects per-DS1 payload
loopback requests transmitted via
C-bits.
APPLICATIONS
• M23 or C-Bit Parity Format DS1 to
DS3 Mux/Demux Equipment
• Fractional T3 Access Equipment
• DS2-to-DS3 Mux/Demux Equipment
• DS1-to-DS3 Mux/Demux Equipment
Supporting G.747 Tributary Format
BLOCK DIAGRAM
TD1CLK[28:5]
TD1DAT[28:5]
RD1CLK[28:5]
RD1DAT[28:5]
One of seven M12
#1
RBOC
Receive
FEAC
DS2
FRMR
Framer
XBOC
Transmit
FEAC
RD1CLK4
RD1DAT4
RD1CLK[3:1]
RD1DAT[3:1]
TD1CLK4
TD1DAT4
RD1DAT[3:1]
RD1CLK[3:1]
Remaining Six M12
#2 - #7
PMON
Perfor-
mance
Monitor
Counters
FRMR
DS3 Receive
Framer
B3ZS
Decode
TRAN
DS3 Transmit
Framer
B3ZS
Decode
Tx
O/H
Access
MX23
M23
MUX/DEMUX
RFDL
Receive
HDLC
MPIF
Microprocessor
Interface
RCLK/VCLK
RPOS/RDAT
RNEG/RLCV
TCLK
TPOS/TDAT
TNEG/TMFP
XFDL
Transmit
HDLC
MX12
M12
MUX/
DEMUX
Rx
O/H
Access


Similar Part No. - PM8313

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8313 PMC-PM8313 Datasheet
59Kb / 2P
M13 Multiplexer/Demultiplexer
PM8313 PMC-PM8313 Datasheet
582Kb / 192P
M13 MULTIPLEXER
PM8313-RI PMC-PM8313-RI Datasheet
582Kb / 192P
M13 MULTIPLEXER
PM8313D3MX PMC-PM8313D3MX Datasheet
582Kb / 192P
M13 MULTIPLEXER
More results

Similar Description - PM8313

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4328 PMC-PM4328 Datasheet
50Kb / 4P
High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PM5365 PMC-PM5365 Datasheet
1Mb / 2P
VT/TU MAPPER AND M13 MULTIPLEXER
PM5365 PMC-PM5365 Datasheet
57Kb / 2P
High Density VT/TU Mapper and M13 Multiplexer
PM5366 PMC-PM5366 Datasheet
2Mb / 267P
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PM8313 PMC-PM8313 Datasheet
59Kb / 2P
M13 Multiplexer/Demultiplexer
logo
Infineon Technologies A...
TE3-MUX INFINEON-TE3-MUX Datasheet
2Mb / 211P
TE3-MUX M13 Multiplexer and DS3 Framer
June 2001 V2.1
logo
Exar Corporation
XRT72L13 EXAR-XRT72L13 Datasheet
4Mb / 370P
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
logo
PMC-Sierra, Inc
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
High Density T1/E1 Framer with Integrated M13 Multiplexer
PM8313D3MX PMC-PM8313D3MX Datasheet
582Kb / 192P
M13 MULTIPLEXER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com