Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6C26 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6C26 Datasheet HTML 1Page - Microchip Technology MCP6C26 Datasheet HTML 2Page - Microchip Technology MCP6C26 Datasheet HTML 3Page - Microchip Technology MCP6C26 Datasheet HTML 4Page - Microchip Technology MCP6C26 Datasheet HTML 5Page - Microchip Technology MCP6C26 Datasheet HTML 6Page - Microchip Technology MCP6C26 Datasheet HTML 7Page - Microchip Technology MCP6C26 Datasheet HTML 8Page - Microchip Technology MCP6C26 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
MCP6C26
DS20006928A-page 4
 2024 Microchip Technology Inc. and its subsidiaries
Functional Diagram
Gain Options
Table 1 shows key specifications that differentiate
between the three different differential gain (GDM)
options. See Section 1.0 “Electrical Characteris-
tics”, Section 6.0 “Packaging Information” and the
Product Identification System for further information
on the GDM options available.
Note 1: TC1 limits are by design and characterization only; not tested in production. TC1 covers the Extended
Temperature Range (-40°C to +125°C or E-Temp).
2: The common mode input range is 0V to 36V.
VOUT
+
–
VSS
VREF
VDD
VIM
VIP
R1
R2
R4
R3
TABLE 1:
KEY DIFFERENTIATING SPECIFICATIONS
Part No.
GDM
(V/V)
Nom.
gE
(±%)
VOS
(±μV)
Max.
TC1
(±nV/°C)
Max.
(Note 1)
CMRR
(dB)
Min.
(Note 2)
PSRR
(dB)
Min.
GBWP
(MHz)
Typ.
BW
(kHz)
Typ.
MCP6C26-050
50
0.5
90
265
102
100
9
180
MCP6C26-100
100
75
240
102
90
MCP6C26-200
200
65
225
105
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com