Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6C26 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 4Page - Microchip Technology MCP6C26 Datasheet HTML 5Page - Microchip Technology MCP6C26 Datasheet HTML 6Page - Microchip Technology MCP6C26 Datasheet HTML 7Page - Microchip Technology MCP6C26 Datasheet HTML 8Page - Microchip Technology MCP6C26 Datasheet HTML 9Page - Microchip Technology MCP6C26 Datasheet HTML 10Page - Microchip Technology MCP6C26 Datasheet HTML 11Page - Microchip Technology MCP6C26 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
MCP6C26
DS20006928A-page 10
 2024 Microchip Technology Inc. and its subsidiaries
1.3
Simplified Diagrams
1.3.1
VOLTAGE RANGE DIAGRAMS
These ranges are constant across temperature.
FIGURE 1-1:
Common-Mode Input
Voltage Range vs. Temperature.
FIGURE 1-2:
Differential Input Voltage
Range vs. Temperature.
1.3.2
TIMING DIAGRAMS
FIGURE 1-3:
Large Common-Mode
Voltage Step Response.
FIGURE 1-4:
VOUT Power On/Off Timing
Diagram.
1.4
Simplified Test Circuits
1.4.1
VOS TEST CIRCUIT
Figure 1-5 tests the MCP6C26’s input offset errors
(VOS, 1/CMRR, 1/CMRR2 and 1/PSRR etc.). VOUT is
filtered and amplified, before measuring the result.
Note that VCM is equal to (VIP +VIM)/2.
FIGURE 1-5:
Input Offset Test Circuit for
the MCP6C26.
VCMH –VSS
VCM Range (V)
TA (°C)
-40
25
85
125 150
VCML –VSS
VDML
VDM Range (V)
TA (°C)
-40
25
85
125 150
VDMH
VCM
VOUT
VDM
tCMS
0V
10V
VPH +0.1V
0V
High-Z
VOUT
VDD
tPOFF
tPON
On
VPL +0.1V
VMEAS
+
– VSS
VREF
VDD
VDD
CVDD
LPF and
Gain = GPA
VL
CL
RL
VOUT
VDD/2
+
–
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com