Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6C26 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6C26 Datasheet HTML 1Page - Microchip Technology MCP6C26 Datasheet HTML 2Page - Microchip Technology MCP6C26 Datasheet HTML 3Page - Microchip Technology MCP6C26 Datasheet HTML 4Page - Microchip Technology MCP6C26 Datasheet HTML 5Page - Microchip Technology MCP6C26 Datasheet HTML 6Page - Microchip Technology MCP6C26 Datasheet HTML 7Page - Microchip Technology MCP6C26 Datasheet HTML 8Page - Microchip Technology MCP6C26 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
MCP6C26
DS20006928A-page 6
 2024 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD -VSS ....................................................................................................................................................... 0V to +6.0V
Current at Input Pins (Note 1) .................................................................................................................................±2 mA
Analog Inputs (VIP and VIM) (Note 1)(Note 2) ..........................................................................................-5.0V to +39.5V
All Other Inputs and Outputs..................................................................................................... VSS - 0.3V to VDD +0.3V
Input Difference Voltage (VDM) (Note 1)(Note 2)....................................................................................................±39.5V
Output Short-Circuit Current............................................................................................................................Continuous
Current at Output and Supply Pins........................................................................................................................±30 mA
Storage Temperature...............................................................................................................................-65°C to +150°C
Maximum Junction Temperature (Note 2) .............................................................................................................+155°C
ESD protection (HBM, CDM).......................................................................................................................... ≥ 2kV, 2kV
Note 1: These voltage and current ratings are physically independent; each required condition must be enforced by
the user (see Section 5.1.2 “Input Voltage/Current Limits”).
2: This condition is intended for intermittent use only.
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com