Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6C26 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 17Page - Microchip Technology MCP6C26 Datasheet HTML 18Page - Microchip Technology MCP6C26 Datasheet HTML 19Page - Microchip Technology MCP6C26 Datasheet HTML 20Page - Microchip Technology MCP6C26 Datasheet HTML 21Page - Microchip Technology MCP6C26 Datasheet HTML 22Page - Microchip Technology MCP6C26 Datasheet HTML 23Page - Microchip Technology MCP6C26 Datasheet HTML 24Page - Microchip Technology MCP6C26 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006928A-page 23
MCP6C26
4.0
DEVICE OPERATION
This chapter includes additional information on basic
operations and major functions.
4.1
Basic Performance
4.1.1
IDEAL PERFORMANCE
Figure 4-1 shows the basic circuit; inputs, supplies and
output. When the inputs (VIP, VIM, VDD, VSS and VREF)
and output (VOUT) are in their specified ranges, and the
part is nearly ideal, the output voltage is:
EQUATION 4-1:
FIGURE 4-1:
Basic Circuit.
For normal operation, keep:
•VCM between VCML and VCMH
•VDM between VDML and VDMH
•VREF between VRL and VRH
•VOUT between 0.1V to VDD – 0.1V, usually VOL
and VOH are hard limits
4.1.2
ANALOG ARCHITECTURE
Figure 4-2 shows the block diagram for these current
sense amplifiers.
FIGURE 4-2:
MCP6C26 Block Diagram.
4.1.3
DC PERFORMANCE
4.1.3.1
DC Voltage Errors
Section 1.5, Explanation of DC Error Specifications
covers some DC specifications. The input offset error
(with temperature coefficients), gain error and
nonlinearities are discussed in detail.
VOUT VREF GDMVDM
+
Where:
GDM = Differential-Mode Gain
VREF = Output Reference Voltage
VDM = Differential-Mode Input (VIP –VIM)
+
–
VSS VREF
VDD
VIP
VOUT
VIM
+
VOUT
+
–
VSS
VREF
VDD
VIM
VIP
R1
R2
R4
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com