Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132YML Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC2132YML
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 16Page - Microchip Technology MIC2132YML Datasheet HTML 17Page - Microchip Technology MIC2132YML Datasheet HTML 18Page - Microchip Technology MIC2132YML Datasheet HTML 19Page - Microchip Technology MIC2132YML Datasheet HTML 20Page - Microchip Technology MIC2132YML Datasheet HTML 21Page - Microchip Technology MIC2132YML Datasheet HTML 22Page - Microchip Technology MIC2132YML Datasheet HTML 23Page - Microchip Technology MIC2132YML Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
MIC2132
DS20006654B-page 20
 2022 Microchip Technology Inc. and its subsidiaries
4.2
Start-up Into Pre-Bias Load
To get proper pre-bias start-up performance, the voltage
at the junction of CINJ and RINJ needs to be at its
steady-state value when the device starts switching. This
is done by biasing the RIP_INJ pin voltage using a
current source (IBIAS) at the RIP_INJ pin and a resistor
(RBIAS) at the RIP_INJ pin before the device starts
switching. The Injection (INJ) driver will be in
High-Impedance mode before the device starts switch-
ing. This results in a voltage equal to IBIAS x RBIAS at the
RIP_INJ pin before switching starts. This voltage charges
the CINJ cap to the value of IBIAS x RBIAS. As the CINJ
takes time to charge to the final voltage, depending on
the CINJ x (RINJ + RFB(BOT)), the IBIAS must be enabled
before the switching starts. The MIC2132 has a POK
delay of ≈4 ms (i.e., when EN is high, the device starts
switching after ≈4 ms). Therefore, this 4 ms delay is
enough to charge CINJ to the final value. Once the device
starts switching, the IBIAS will no longer have any effect,
as the ripple injection driver will be either high or low (the
ripple injection driver will not be in High-Impedance mode
when the device starts switching).
FIGURE 4-4:
Circuit to Obtain Proper
Pre-Bias Start-up Performance and Ripple
Injection.
IBIAS is an internal current source. RBIAS is an external
resistor from RIP_INJ to AGND. RBIAS can be
calculated using the formula below:
EQUATION 4-3:
Note that as RBIAS is always present, it draws an
additional current from the INJ driver when the RIP_INJ
pin is 5V for 100 ns. This adds to the device’s IQ.
However, its contribution to the device’s IQ will be low
because this current will be present for 100 ns only.
Another thing to note is that the INJ driver must be
capable of supplying this additional current.
4.3
Stability Analysis
The MIC2132 uses ripple-based constant on-time
architecture to generate switching pulses. The magni-
tude of the ripple needs to be in the range of 20 mV to
100 mV. In order to avoid ripple voltage variation with
input voltage, ripple voltage is injected from the third
node through the RIP_INJ pin. Figure 4-5 shows the
ripple injection at the FBS node with respect to the
reference voltage.
FIGURE 4-5:
MIC2132 Ripple Injection at
FBS Node.
The
output
capacitors
generally
have
three
components. The capacitive ripple lags the inductor
current ripple. The ESR ripple is in phase with the
inductor current. The ESL ripple effect is minimal in
low-voltage capacitors.
AGND
1
st DH
DETECTION
100 ns
1-SHOT PULSE
VDD
INJECTION
DRIVER
LOGIC
INJ_ON
DH
RIP_INJ
FBS
IBIAS
VDD
RINJ
CNJ
FEED FORWARD
1
0.6V
GFB
CFF
VOUT
RBIAS
MIC2132
RFB(TOP)
RFB(BOT)
1.2V
VREF_COM
VREF
Where:
5V × 100 ns × fSW = Average Voltage on the RIP_INJ Pin
RBIAS =
5V × 100 ns × fSW
IBIAS
CONTROL
LOGIC
ON
ON TIM
TIME
E
GEN
GENER
ERA
ATIO
TION
N
HSD
HSD
LSD
LSD
VIN
gm
+
VREF (0.6V)
FEEDFORWARD
+
Vgm
VREF_COM
Fixed O Time
Cycle starts when
VREF_COM = Vgm
RIPPLE
INJECTION
DRIVER
1
+
-
Vgm
FBS
GFB
VOUT
RFB(TOP)
RFB(BOT)
COM
RSA
RINJ
CINJ
CFF
VREF_COM (1.2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com