Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132YML Datasheet(PDF) 35 Page - Microchip Technology

Part # MIC2132YML
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML Datasheet(HTML) 35 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 31Page - Microchip Technology MIC2132YML Datasheet HTML 32Page - Microchip Technology MIC2132YML Datasheet HTML 33Page - Microchip Technology MIC2132YML Datasheet HTML 34Page - Microchip Technology MIC2132YML Datasheet HTML 35Page - Microchip Technology MIC2132YML Datasheet HTML 36Page - Microchip Technology MIC2132YML Datasheet HTML 37Page - Microchip Technology MIC2132YML Datasheet HTML 38Page - Microchip Technology MIC2132YML Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 35
MIC2132
On the other hand, the power dissipation in the
low-side power MOSFET in each phase channel is
mainly contributed to by the conduction loss. There is
no switching loss for the low-side MOSFET in the buck
converter, since the body diode of the low-side
MOSFET is forward-biased before the turn-on, and
after the turn-off of the low-side MOSFET, which makes
the voltage across the low-side MOSFET equal to the
body diode’s forward voltage during the turn-on and
turn-off transition.
Apart from the conduction loss, low-side MOSFET
body diode forward conduction loss, body diode
reverse recovery loss and low-side MOSFET output
capacitance discharge loss also contribute to the
power dissipation in the low-side power MOSFET in
each phase channel.
The low-side MOSFET body diode forward conduction
loss during dead time is calculated by Equation 5-32.
EQUATION 5-32:
The low-side MOSFET body diode reverse recovery
loss is calculated by Equation 5-33.
EQUATION 5-33:
The low-side MOSFET output capacitance discharge loss
can be calculated in Equation 5-34.
EQUATION 5-34:
The total power dissipation of the low-side power
MOSFET in each phase channel is estimated in
Equation 5-35.
EQUATION 5-35:
Since low-side MOSFETs can be accidentally turned
on by the high dV/dt signal at switching node, low-side
MOSFETs with high CGS/CGD ratio and low internal
gate resistance should be chosen to minimize the
effect of dV/dt inducted turn-on.
5.5
Bootstrap Capacitor
The MIC2132 device’s high-side gate drive circuits are
designed to switch the N-Channel external MOSFETs.
The Functional Block Diagram shows two internal
bootstrap diodes and each one is between the PVDD
and BST pins of each phase channel. These circuits
supply energy to the high-side gate drive circuits with
one for each phase. A low-ESR ceramic capacitor
should be connected between the BST pin and the SW
pin of each phase channel (refer to the “Typical Appli-
cation Circuit”). The bootstrap capacitors between
the BST and the SW pins, CBST1 and CBST2, are
charged while the respective low-side MOSFET is
turned on. When the respective high-side MOSFET
driver is turned on, energy from CBSTx is used to turn
the MOSFET on. A minimum of 0.1 μF low-ESR
ceramic capacitor is recommended between the BSTx
and SWx pins. The required value of CBSTX can be
calculated using Equation 5-36.
EQUATION 5-36:
5.6
Setting Output Voltage
The MIC2132 requires two resistors to set the output
voltage, as shown in Figure 5-3.
FIGURE 5-3:
Voltage-Divider
Configuration.
Where:
VF(BD) = Forward Voltage of Low-Side MOSFET
Body Diode
tDT = Dead Time, which is about 20 ns
PBDDT(LS) =
2 × IOUT(MAX)
n
× VF(BD) × tDT × fSW
Where:
QRR(BDLS) = Reverse Recovery Charge of Low-Side
MOSFET Body Diode
PBDQRR(LS) = VIN(MAX) × QRR(BDLS) × fSW
Where:
COSS(LS) = Low-Side MOSFET Output Capacitance
PCOSS(LS) = 0.5 × COSS(LS)(VIN(MAX))2 × fSW
PD(LS) = PCOND(LS) + PBDDT(LS) + PBDQRR(LS) + PCOSS(LS)
Where:
QG(HS) = Gate Charge of High-Side MOSFET in
Each Phase
∆VCBSTx = Delta Voltage Drop Across CBST in Each
Phase, Generally 50 mV to 100 mV
CBSTx =
QG(HS)
VCBSTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com