Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132YML Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC2132YML
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 2Page - Microchip Technology MIC2132YML Datasheet HTML 3Page - Microchip Technology MIC2132YML Datasheet HTML 4Page - Microchip Technology MIC2132YML Datasheet HTML 5Page - Microchip Technology MIC2132YML Datasheet HTML 6Page - Microchip Technology MIC2132YML Datasheet HTML 7Page - Microchip Technology MIC2132YML Datasheet HTML 8Page - Microchip Technology MIC2132YML Datasheet HTML 9Page - Microchip Technology MIC2132YML Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MIC2132
DS20006654B-page 6
 2022 Microchip Technology Inc. and its subsidiaries
ELECTRICAL CHARACTERISTICS(1)
Electrical Characteristics: VIN =12V; VOUT =5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA = +25°C, unless noted.
Boldface values indicate -40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range
VIN
8
—
75
V
Quiescent Supply Current
IQ
—5000
8000
µA
VFBS = +1.5V
Shutdown Current
ISD
—25
50
µA
VEN = 0V
VDD and EXTVDD
VDD Voltage Range
VDD
4.7
5.1
5.4
VVIN = 8V to 75V, IVDD = 20 mA
(Note 5)
VDD Undervoltage Lockout Upper
Threshold
VDDUV_R
3.7
4.2
4.5
V
VDD rising
VDD UVLO Hysteresis
VDDUV_HYS
—
600
—
mV
Hysteresis
VDD Regulation
ΔVDD
—1
2.5
%VIN = 24V, IVDD from 1 mA to
40 mA (Note 5)
VDD Regulator Dropout Voltage
VDROP_VDD
—
0.8
1.05
V
VIN = 5.5V, IVDD = 25 mA
EXTVDD Switchover Voltage
VSO_EVDD
4.5
4.7
4.9
VVIN = 24V, EXTVDD rising,
IVDD = 40 mA
EXTVDD Switchover Voltage
Hysteresis
VSO_HYS
—
250
—
mV
Hysteresis
EXTVDD Dropout Voltage
VDROP_EVDD
—
250
—
mV
VEXTVDD = 5V, IVDD = 40 mA
EXTVDD Leakage Current
ILK_EVDD
—0.1
—
µA
VEXTVDD = 14V, VEN = 0V
Soft Start
Soft Start Source Current
ISS
0.8
1.2
1.7
µA
DC-DC Regulator
Output Voltage Adjustable Range
VOUT
0.6
—
28
V
Note 2
Reference and Remote Sensing Amplifier
Feedback Regulation Voltage
VFBS-GFB
0.593
0.6
0.606
V
Measured with EA in servo loop
FBS Bias Current
IFBS
—2
—
nA
VFBS = +0.6V (Note 2)
GFB Bias Current
IGFB
—12
—
µA
Remote Sense Amplifier Gain
GRSA
—1.00
—
V/V
Enable
Enable Upper Threshold Voltage
VEN_TH
1.05
1.2
1.36
V
Enable rising
Enable Hysteresis
VEN_HYS
—65
—
mV
Enable Bias Current
IEN
—
100
200
nA
VEN = 12V
Note 1: Specification for packaged product only.
2: Guaranteed by design and characterization. Not production tested.
3: Measured in Test mode.
4: The maximum duty cycle is limited by the fixed mandatory off-time of typically 360 ns.
5: Limited by maximum junction temperature, TJ = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com