Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2132YML Datasheet(PDF) 45 Page - Microchip Technology

Part # MIC2132YML
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML Datasheet(HTML) 45 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 40Page - Microchip Technology MIC2132YML Datasheet HTML 41Page - Microchip Technology MIC2132YML Datasheet HTML 42Page - Microchip Technology MIC2132YML Datasheet HTML 43Page - Microchip Technology MIC2132YML Datasheet HTML 44Page - Microchip Technology MIC2132YML Datasheet HTML 45Page - Microchip Technology MIC2132YML Datasheet HTML 46Page - Microchip Technology MIC2132YML Datasheet HTML 47Page - Microchip Technology MIC2132YML Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 45
MIC2132
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
Device:
MIC2132: 75V Dual Phase, Advanced COT Buck
Controller, Stackable for Multiphase Operation
Junction
Temperature
Range:
Y
= -40°C to +125°C, RoHS-Compliant
Package:
ML
= 32-Lead, 5 x 5 mm VQFN
Media Type:
(Blank)
TR
= 73/Tube
= 3300/Reel
Qualification: (Blank)
VAO
= Standard Part
= Automotive AEC-Q100 Qualified
XX
X
Package
Junction
Note 1:
Tape and Reel identifier only appears in the catalog part
number description. This identifier is used for ordering
purposes and is not printed on the device package. Check
with your Microchip Sales Office for package availability with
the Tape and Reel option.
Temperature
Range
Examples:
a) MIC2132YML:
75V, Dual Phase, Advanced COT Buck Controller,
Stackable for Multiphase Operation,
-40°C to +125°C Junction Temperature Range,
32-Lead 5 mm x 5 mm VQFN Package,
73/Tube
b) MIC2132YML-TR:
75V, Dual Phase, Advanced COT Buck Controller,
Stackable for Multiphase Operation,
-40°C to +125°C Junction Temperature Range,
32-Lead 5 mm x 5 mm VQFN Package,
3300/Reel
c) MIC2132YML-TRVAO: 75V, Dual Phase, Advanced COT Buck Controller,
Stackable for Multiphase Operation,
-40°C to +125°C Junction Temperature Range,
32-Lead 5 mm x 5 mm VQFN Package,
3300/Reel, Automotive AEC-Q100 Qualified
Type
XXX
Qualificati
on
-XX(1)
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com