Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI341ART Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3HDMI341ART
Description  3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI341ART Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI341ART Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
PS8883
01/05/07
PI3HDMI341ART
3:1 Active HDMI 1.3 Compatible Switch with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Item
HDMI 1.3 Spec
Pericom Product Spec
Operating Conditions
Termination Supply Voltage, VCC
3.3V ≤ 5%
3.30 ± 5%
Terminal Resistance
50-ohm ± 10%
45 to 55-ohm
Source DC Characteristics at TP1
Single-ended high level output voltage, VH
VCC ± 10mV
VCC ±10mV
Single-ended low level output voltage, VL
( VCC - 600mV) ≤ VL ≤ ( VCC- 400mV) ( VCC - 600mV) ≤ VL ≤ ( VCC -
400mV)
Single-ended output swing voltage, Vswing
400mV ≤ Vswing ≤ 600mV
400mV ≤ Vswing ≤ 600mV
Single-ended standby (off) output voltage, Voff
VCC ± 10mV
VCC ± 10mV
Transmitter AC Characteristics at TP1
Risetime/Falltime (20%-80%)
75ps ≤ Risetime/Falltime ≤ 0.4 Tbit
(75ps ≤ tr/tf ≤ 242ps) @ 1.65 Gbps
240ps
Intra-Pair Skew at Transmitter Connector, max
0.15 Tbit
(90.9ps @ 1.65 Gbps)
60ps max
Inter-Pair Skew at Transmitter Connector, max
0.2 Tpixel
(1.2ns @ 1.65 Gbps)
100ps max
Clock Jitter, max
0.25 Tbit
(151.5ps @ 1.65 Gbps)
82ps max
Sink Operating DC Characteristics at TP2
Input Differential Voltage Level, Vdiff
150 ≤ Vdiff ≤ 1200mV
150mV ≤ VDIFF ≤ 1200mV
Input Common Mode Voltage Level, VICM
( VCC - 300mV) ≤ Vicm ≤ ( VCC-
37.5mV)
Or
VCC ±10%
( VCC - 300mV) ≤ Vicm ≤ ( VCC-
37.5mV)
Or
VCC ±10%
Sink DC Characteristics When Source Disabled or Disconnected at TP2
Differential Voltage Level
VCC ± 10mV
VCC ±10mV
TMDS Compliance Test Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com