Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI341ART Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3HDMI341ART
Description  3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI341ART Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3HDMI341ART Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PS8883
01/05/07
PI3HDMI341ART
3:1 Active HDMI 1.3 Compatible Switch with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Pin Description
Pin #
Pin Name
I/O Description
6,9,12,15
A11, A12, A13, A14
I
Port 1 TMDS Positive inputs
68, 71, 74, 77
A21, A22, A23, A24
I
Port 2 TMDS Positive inputs
49, 52, 55, 58
A31, A32, A33, A34
I
Port 3 TMDS Positive inputs
5, 8, 11, 14
B11, B12, B13, B14
I
Port 1 TMDS Negative inputs
67, 70, 73, 76
B21, B22, B23, B24
I
Port 2 TMDS Negative inputs
48, 51, 54, 57
B31, B32, B33, B34
I
Port 3 TMDS Negative inputs
4, 10, 16 24, 30, 36, 37, 47,
53, 59, 65, 66, 72, 78
GND
Ground
80
HPD1
O
Port 1 HPD output
62
HPD2
O
Port 2 HPD output
44
HPD3
O
Port 3 HPD output
40
HPD_Sink
I
Sink side hot plug detector input. High: 5-V power signal
asserted from source to sink and EDID is ready.
Low: No 5-V power signal asserted from source to sink, or
EDID is not ready.
42
OE
I
Output Enable, Active LOW
3
SCL1
I/O Port 1 DDC Clock
64
SCL2
I/O Port 2 DDC Clock
46
SCL3
I/O Port 3 DDC Clock
38
SCL_Sink
I/O Sink Side DDC Data
2
SDA1
I/O Port 1 DDC Data
63
SDA2
I/O Port 2 DDC Data
45
SDA3
I/O Port 3 DDC Data
39
SDA_Sink
I/O Sink Side DDC Data
21,22,23
S1, S2, S3
I
Source Input Selector
7, 13, 17 27, 33, 43, 50, 56
61, 69, 75, 79
VCC
3.3V Power Supply
34, 31, 28, 25
Y1, Y2, Y3, Y4
O
TMDS positive outputs
35, 32, 29, 26
Z1, Z2, Z3, Z4
O
TMDS negative outputs
41, 60
EQ_S0, EQ_S1
I
Equalizer controls(1)
19, 18, 20, 1
OC_S0, OC_S1,
OC_S2, OC_S3
I
Output buffer controls
Note: OC_S3 has an internal pull-up resistor. OC_S2 has an
internal pull-down resistor.
Note:
1. EQ_S0 has an internal pull-down and EQ_S1 has an internal pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com