Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI341ART Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3HDMI341ART
Description  3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI341ART Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3HDMI341ART Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
PS8883
01/05/07
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
PI3HDMI341ART
3:1 Active HDMI 1.3 Compatible Switch with Optimized
Equalization for Enhanced Signal Integrity
Features
• Supply voltage, VCC = 3.3V ±5%
• Each Port is compatible w/ DVI, HDMI 1.1, HDMI 1.2 or
HDMI 1.3 signals
• Supports both AC-coupled and DC-coupled inputs
• Support for 8-bit, 10-bit, and 12-bit deep color per channel
• High Performance, up to 2.5 Gbps per channel
• Switching support for 3 side band signals
(SCL, SDA and HPD)
• 5V Tolerance on all side band signals
• SCL, SDA, and HPD pins are the only pins that can support
HOT INSERTION
• Integrated 50-ohm (±10%) termination resistors at each high
speed signal input
• Configurable output swing control
(500mV, 750mV, 1000mV)
• Configurable Pre-Emphasis levels
(0dB, 1.5dB, 3.5dB, & 6.0dB)
• Configurable De-Emphasis
(0dB, -3.5dB, -6.0dB, -9.5dB)
• Optimized Equalization
Single default setting will support all cable lengths
• ESD protection = 8kV (typical) on high-speed data channels
only
• Propagation delay ≤ 2ns
• High Impedance Outputs when disabled
• Packaging (Pb-free & Green): 80-contact LQFP (FF80)
Description
Pericom Semiconductor’s PI3HDMI341ART 3:1 active switch
circuit is targeted for high-resolution video networks that are
based on DVI/HDMI standards and TMDS signal processing.
The PI3HDMI341ART is an active 3 TMDS to 1 TMDS receiver
switch with Hi-Z outputs. The device receives differential signals
from selected video components and drives the video display unit.
It provides three controllable output swings that can be controlled
through a single bit. The allowable output swings are 500mV,
750mV and 1000mV. This solution also provides a unique
advanced pre-emphasis technique to increase rise and fall times
which are reduced during transmission across long distances.
Each complete HDMI/DVI channel also has slower speed, side
band signals, that are required to be switched. Pericom’s solution
provides a complete solution by integrating the side band switch
together with the high speed switch in a single solution. Using
Equalization at the input of each of the high speed channels,
Pericom can successfully eliminate deterministic jitter caused by
long cables from the source to the sink. The elimination of the
deterministic jitter allows the user to use much longer cables (up
to 25 meters).
The maximum DVI/HDMI Bandwidth of 2.5 Gbps provides 12-
bit deep color support, which is offered by HDMI revision 1.3.
Due to its active uni-directional feature, this switch is designed
for usage only for the video receiver’s side. For consumer video
networks, the device sits at the receiver’s side to switch between
multiple video components, such as PC, DVD, STB, D-VHS,
etc. The PI3HDMI341ART is the industry’s first active DVI/
HDMI switch compatible with HDMI 1.1, 1.2, and 1.3 which
ensures transmitting high-bandwidth video streams from video
components to the display unit. The PI3HDMI341ART also
provides enhanced robust ESD/EOS protection of 8kV, which is
required by many consumer video networks today.
The Optimized Equalization provides the user a single optimal
setting that can provide HDMI compliance for all cable lengths:
1meter to 20meters and color depths of 8bit/ch, or 12bit/ch.
Pericom also offers the abiility to fine tune the equalization
settings in situations where cable length is known. For example,
if 25meter cable length is required, Pericom's solution can be
adjusted to 16dB EQ to accept 25metere cable length.


Similar Part No. - PI3HDMI341ART

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ARFFE PERICOM-PI3HDMI341ARFFE Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
More results

Similar Description - PI3HDMI341ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI412AD PERICOM-PI3HDMI412AD Datasheet
660Kb / 10P
1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
logo
Pericom Semiconductor C...
PI3HDMI431AR PERICOM-PI3HDMI431AR Datasheet
403Kb / 11P
3:1 Active HDMITM Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Pericom Semiconductor C...
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
logo
Analog Devices
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Pericom Semiconductor C...
PI3HDMI101-B PERICOM-PI3HDMI101-B Datasheet
940Kb / 16P
1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
PI3HDMI301 PERICOM-PI3HDMI301 Datasheet
632Kb / 16P
3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com