Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI341ART Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3HDMI341ART
Description  3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI341ART Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI341ART Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
PS8883
01/05/07
PI3HDMI341ART
3:1 Active HDMI 1.3 Compatible Switch with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Electrical Characteristics (over recommended operating conditions unless otherwise noted)
Symbol
Parameter
Test Conditions
Min. Typ.(1)
Max.
Units
ICC
Supply Current
VIH = VCC, VIL = VCC - 0.4V,
RT = 50-ohm, VCC = 3.3V
Am/Bm = 1.65 Gbps HDMI data
pattern, m = 2, 3, 4
A1/B1 = 165 MHz clock
190
230
mA
PD
Power Dissipation
394
657
mW
TMDS Differential Pins (A/B; Y/Z)
VOH
Single-ended high-level output voltage
VCC = 3.3V, RT = 50-ohm
Pre-emphasis/De-emphasis = 0dB
VCC-
10
VCC +
10
mV
VOL
Single-ended low-level output voltage
VCC
- 600
VCC
- 400
Vswing
Single-ended output swing voltage
400
600
VOD(O)
Overshoot of output differential volt-
age
6%
15%
2x
Vswing
VOD(U)
Undershoot of output differential volt-
age
12%
25%
ΔVOC(SS) Change in steady-state common-mode
output voltage between logic states
0.5
5
mV
|I(OS)|
Short circuit output current
12
mA
VODE(SS) Steady state output differential voltage OC_S0 = VCC, Am/Bm = 250
Mbps HDMI data pattern, m = 2,
3, 4
A1/B1 = 25 MHz clock
560
840
mVp-p
VODE(PP) Peak-to-peak output differential voltage
800
1200
VI(open) Single-ended input voltage under high
impedance input or open input
II = 10µA
VCC
- 10
VCC + 10
mV
RINT
Input termination resistance
VIN = 2.9V
45
50
55
ohm
DDC I/O Pins (SCL, SCL_SINK, SDA, SDA_SINK)
|Ilkg|
Input leakage current
VI = 0.1VCC to 0.9VCC to isolated
DDC ports
0.1
2
µA
CIO
Input/output capacitance
VI = 0V
7.5
pF
RON
Switch resistance
IO = 3mA, VO = 0.4V
25
50
ohm
VPASS
Switch output voltage
VI = 3.3V, II = 100µA
1.5(2)
2.0
2.5(3)
V
Status Pins (HPD)
VOH(TTL) TTL High-level output voltage
IOH = -8mA
2.4
V
VOL(TTL) TTL Low-level output voltage
IOH = 8mA
0.4
V
(Table Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com