Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101 Datasheet(PDF) 36 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 36 Page - Microchip Technology

Back Button EMC2101 Datasheet HTML 32Page - Microchip Technology EMC2101 Datasheet HTML 33Page - Microchip Technology EMC2101 Datasheet HTML 34Page - Microchip Technology EMC2101 Datasheet HTML 35Page - Microchip Technology EMC2101 Datasheet HTML 36Page - Microchip Technology EMC2101 Datasheet HTML 37Page - Microchip Technology EMC2101 Datasheet HTML 38Page - Microchip Technology EMC2101 Datasheet HTML 39Page - Microchip Technology EMC2101 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
EMC2101
DS20006703A-page 36
 2022 Microchip Technology Inc. and its subsidiaries
5.19
PWM Frequency Register
The PWM Frequency Register determines the final
PWM frequency and “effective resolution” of the PWM
driver. It has no affect on the DAC output resolution.
It is recommended that this register be set at 1Fh for
maximum resolution. See Appendix B: “Advanced
PWM Options” for full operation of the PWM_F
register and its interactions with the PWM Resolution
and Duty Cycle.
5.20
PWM Frequency Divide Register
This register holds an alternate PWM Frequency divide
value that can be used instead of the CLK_SEL bit
function. This register can be written at any time,
however unless the CLK_OVR bit is set to a logic ‘1’, it
is not used.
When the CLK_OVR bit is set to a logic ‘1’, the PWM
Frequency Divide Register is used in conjunction with
the PWM Frequency Register to determine the final
PWM frequency that the load will see. When the
CLK_OVR bit is set to a logic ‘0’, the setting of this
register is not changed and is not used to determine the
effective PWM frequency.
The PWM frequency when the PWM Frequency Divide
Register is used is shown in Equation 5-4.
EQUATION 5-4:
REGISTER 5-17:
PWM FREQUENCY REGISTER (ADDRESS 4Dh)
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
4Dh
R/W
PWM
Frequency
—
—
—
PWM_F[4:0]
17h
REGISTER 5-18:
PWM FREQUENCY DIVIDE REGISTER (ADDRESS 4Eh)
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
4Eh
R/W
PWM
Frequency Divide
PWM_D[7:0]
01h
PWM_D
360k
2 PWM_F
-------------------------------


1
FREQ
----------------
5806
FREQ
----------------
==
Where:
PWM_F = The setting of the PWM Frequency
register (4Dh)
PWM_D = The setting of the PWM Frequency
Divide Register (4Eh)
FREQ = The desired PWM Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com