Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC2101 Datasheet HTML 35Page - Microchip Technology EMC2101 Datasheet HTML 36Page - Microchip Technology EMC2101 Datasheet HTML 37Page - Microchip Technology EMC2101 Datasheet HTML 38Page - Microchip Technology EMC2101 Datasheet HTML 39Page - Microchip Technology EMC2101 Datasheet HTML 40Page - Microchip Technology EMC2101 Datasheet HTML 41Page - Microchip Technology EMC2101 Datasheet HTML 42Page - Microchip Technology EMC2101 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 39
EMC2101
5.23
Averaging Filter Register
The Averaging Filter Register controls the level of
digital averaging that is used for the External Diode
temperature
measurements
as
well
as
the
configuration of the ALERT/TACH pin functionality.
5.24
Product ID Register
The Product ID Register contains a unique 8-bit word
that identifies the product.
REGISTER 5-20:
AVERAGING FILTER REGISTER (ADDRESS BFh)
U-0
U-0
U-0
U-0
U-0
RW
RW
RW
—
—
—
—
—
FILTER[1:0]
ALERT_COMP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2-1
FILTER: Controls the level of digital filtering that is applied to the External Diode temperature
measurements as shown in Table 5-9. See Figure 4-5 and Figure 4-6 for examples on the filter behavior.
bit 0
ALERT_COMP: Determines the functionality of the ALERT/TACH pin.
1 = The ALERT/TACH pin is configured to operate as a temperature comparator (see Section 4.4.2
“ALERT/TACH as an Interrupt”).
0 = The ALERT/TACH pin is configured to act as an interrupt (see Section 4.4.1 “ALERT/TACH as a
Temperature Comparator”).
TABLE 5-9:
AVERAGING SETTINGS
FILTER[1:0]
Averaging
10
00
Disabled (default)
01
Level 1
10
Level 1
11
Level 2
REGISTER 5-21:
PRODUCT ID REGISTER (ADDRESS FDh)
Address
R/W
Register
B7B6B5B4
B3B2B1B0
Default
FDh
R
Product ID
Register
00010110
16h
(EMC2101)
00101000
28h
(EMC2101-R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com