Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101 Datasheet(PDF) 13 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 13 Page - Microchip Technology

Back Button EMC2101 Datasheet HTML 9Page - Microchip Technology EMC2101 Datasheet HTML 10Page - Microchip Technology EMC2101 Datasheet HTML 11Page - Microchip Technology EMC2101 Datasheet HTML 12Page - Microchip Technology EMC2101 Datasheet HTML 13Page - Microchip Technology EMC2101 Datasheet HTML 14Page - Microchip Technology EMC2101 Datasheet HTML 15Page - Microchip Technology EMC2101 Datasheet HTML 16Page - Microchip Technology EMC2101 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 13
EMC2101
4.1
Modes of Operation (EMC2101-R
Only)
The EMC2101-R has two modes of operation based on
the pull-up resistor on the ALERT pin (see Table 4-1).
The modes of operation are:
1.
Host Configuration Mode: an SMBus Host
configures the EMC2101-R upon startup to
allow for polling for temperature or fan
information or the user can use the ALERT pin
interrupt to determine which action is required.
2.
Automatic Configuration Mode: the EMC2101-R
queries an SMBus compatible EEPROM
located at a known address (see Section 2.9
“Programming from EEPROM”) and automat-
ically loads its registers with the contents of the
EEPROM. This mode does not require host
intervention but a host can poll the device for
temperature and fan information.
4.2
Power Up (EMC2101-R Only)
The EMC2101-R (only) will power up with the fan driver
set to either 100% duty cycle or 0% duty cycle, depend-
ing on the value of the pull-up resistor on the
ALERT/TACH pin. (See Table 4-1.) It will remain in this
state until either the Fan Setting Register is written or
until the following activities have occurred:
1.
The Fan Control Look-Up Table is loaded and
the PROG bit is set to ‘0’ .
2.
The temperature monitoring block performs its
first comparison against the Look-Up Table.
If the Fan Control Look-Up Table is used, the
EMC2101-R Fan Driver will be immediately set to the
appropriate setting in the table based on the measured
temperature.
4.3
Power Modes
The EMC2101 supports multiple power modes that are
user configurable. The temperature monitoring and fan
control functions of the device are independent. The
power modes are:
1.
Normal. The temperature monitoring and fan
driver circuits are both active. The device
updates all temperature channels at the user
programmed
conversion
rate
(see
Register 5-4). Every time the temperature is
updated, the limits are checked and the fan
driver is updated based on the values in the Fan
Control Look-Up Table (if the Fan Control
Look-Up Table is enabled).
2.
Standby. The temperature monitoring and fan
driver circuits are both disabled. The device will
not update temperature data automatically and
the fan output will be set to default drive. A
one-shot command can be issued that will
refresh the temperature data. The limits are only
checked when the temperature data is updated.
3.
Mixed. The temperature monitoring block is dis-
abled, but the fan driver block is active. The
device will not update temperature data auto-
matically and the fan driver output will not be
updated automatically based on temperature. A
one-shot command can be issued that will
refresh the temperature data and update the fan
driver based on the values in the Fan Control
Look-Up Table (if the Fan Control Look-Up Table
is enabled).
4.4
ALERT/TACH Output
The ALERT/TACH pin (Pin 6) is an open drain output
and requires a pull-up resistor to VDD when configured
as an ALERT output.
When configured as a TACH input, the ALERT/TACH
pin will not function as an ALERT output. Error condi-
tions will not trigger an interrupt (though will be updated
in the Status Registers as normal) and the MASK bits
will do nothing. Likewise, the device will not respond to
the ARA command.
For the EMC2101-R, the value of this pull-up resistor
determines the initial FAN output mode of operation as
well as whether the device auto loads from an
EEPROM or via an SMBus host per Table 4-1.
After power-up, the EMC2101-R requires 10 ms to
initialize and determine the operating mode.
When configured as an interrupt, the ALERT/TACH pin
is maskable for each alert condition. If the
ALERT/TACH pin is masked, then it will not respond to
the corresponding condition (though the Alert Status
Register will update normally). This pin has multiple
functions described below and is controlled by
ALERT_COMP bit (bit 0) in the Averaging Filter
Register (BFh) (see Section 5.23 “Averaging Filter
Register”).
TABLE 4-1:
ALERT/TACH PULL-UP RESISTORS SMBus/FAN MODE FOR EMC2101-R
ALERT/TACH
Pull-up Resistor
SMBus Mode
FAN Mode
Polarity Bit Setting
(See Section 5.16, Fan
Configuration
Register)
5.6 kΩ ±5%
Host Load via SMBus
FAN output initialize to 100% Duty Cycle
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com