Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101 Datasheet(PDF) 40 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 40 Page - Microchip Technology

Back Button EMC2101 Datasheet HTML 36Page - Microchip Technology EMC2101 Datasheet HTML 37Page - Microchip Technology EMC2101 Datasheet HTML 38Page - Microchip Technology EMC2101 Datasheet HTML 39Page - Microchip Technology EMC2101 Datasheet HTML 40Page - Microchip Technology EMC2101 Datasheet HTML 41Page - Microchip Technology EMC2101 Datasheet HTML 42Page - Microchip Technology EMC2101 Datasheet HTML 43Page - Microchip Technology EMC2101 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
EMC2101
DS20006703A-page 40
 2022 Microchip Technology Inc. and its subsidiaries
5.25
Manufacturer ID Register
The Manufacturer ID register contains an 8-bit word
that identifies Microchip as the manufacturer of the
EMC2101
5.26
Revision Register
The Revision register contains an 8-bit word that
identifies the die revision.
REGISTER 5-22:
MANUFACTURER ID REGISTER (ADDRESS FEh)
Address
R/W
Register
B7B6B5
B4B3B2B1
B0
Default
FEh
R
Microchip
ID Register
0101
1101
5Dh
TABLE 5-10:
REVISION REGISTER (ADDRESS FFh)
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
FFh
R
Revision
Register
0
000000
1
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com