Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75 Datasheet(PDF) 26 Page - Microchip Technology

Part # SAM9X75
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75 Datasheet(HTML) 26 Page - Microchip Technology

Back Button SAM9X75 Datasheet HTML 22Page - Microchip Technology SAM9X75 Datasheet HTML 23Page - Microchip Technology SAM9X75 Datasheet HTML 24Page - Microchip Technology SAM9X75 Datasheet HTML 25Page - Microchip Technology SAM9X75 Datasheet HTML 26Page - Microchip Technology SAM9X75 Datasheet HTML 27Page - Microchip Technology SAM9X75 Datasheet HTML 28Page - Microchip Technology SAM9X75 Datasheet HTML 29Page - Microchip Technology SAM9X75 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
SAM9X75 SiP
Mechanical Characteristics
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 26
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2022 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Terminal A1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
Number of Terminals
Overall Height
Ball Diameter
Overall Width
Ball Array Width
Pitch
Ball Height
Units
Dimension Limits
A1
A
b
E2
e
E
N
0.80 BSC
0.35
–
–
0.40
12.80 BSC
–
0.21
16.00 BSC
MILLIMETERS
MIN
NOM
243
0.45
1.23
0.312
MAX
Overall Length
Ball Array Length
D
D2
16.00 BSC
12.80 BSC
Mold Thickness
M
0.56
0.51
0.61
243-Ball Thin Fine-Pitch Ball Grid Array (4TB) - 16x16x1.23 mm Body [TFBGA]
Microchip Technology Drawing C04-21556 Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com