Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75 Datasheet(PDF) 6 Page - Microchip Technology

Part # SAM9X75
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SAM9X75 Datasheet HTML 2Page - Microchip Technology SAM9X75 Datasheet HTML 3Page - Microchip Technology SAM9X75 Datasheet HTML 4Page - Microchip Technology SAM9X75 Datasheet HTML 5Page - Microchip Technology SAM9X75 Datasheet HTML 6Page - Microchip Technology SAM9X75 Datasheet HTML 7Page - Microchip Technology SAM9X75 Datasheet HTML 8Page - Microchip Technology SAM9X75 Datasheet HTML 9Page - Microchip Technology SAM9X75 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
SAM9X75 SiP
Block Diagram
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 6
3.
Block Diagram
SAM9X75 SiP
In-Circuit Emulator
ARM926EJ-S
DCache
32 KB
ICache
32 KB
MMU
Bus Interface Unit
Key
Digital
Analog
Memories, bridges
PIO
Backup area
Processor and
crypto-accelerators
H
Matrix host
C
Matrix client
H
H
C
C
C
C
H
H
H
H
H
H
H
H
Multi-
Layer
System
Matrix
C
C
C
C
I
D
ROM
(96 KB +
KB)
OTP Memory
(32 KB)
USB HOST
HS EHCI
FS OHCI
PC
PB
PA
HS
Trans
HS
Trans
HS
Trans
HS USB
DHSDP/HHSDPA
DHSDM/HHSDMA
HHSDPB
HHSDMB
HHSDPC
HHSDMC
NANDALE, NANDCLE
NANDOE, NANDWE
NANDDAT[7:0]
NANDRDY
NANDCS
EBI
PMECC
PMERRLOC
MPDDRC
PWM
9-b
ADC
12-Ch.
CAN
[1:0] (x2)
IS
XLCDC
GMAC
(TSN)
GTXCK/GREFCK
GTXEN/GTXCTL
GTX[3:0]
GRX[3:0]
GRXER/GRXCTL, GCRSDV
GMDIO, GMDC, GTSUCOMP
SDMMCx_CMD
SDMMCx_CK
SDMMCx_DAT[3:0]
GFX2D
QSPI
QSCK
QCS
QIO[7:0]
Peripheral
Bridge
PWM[3:0]
CANTXx
CANRXx
AD[7:0]
ADVREFP, ADVREFN
Peripheral
Bridge
PIO
JTAG
Boundary
Scan
JTAGSEL
TMS, TCK
TDI
TDO, RTCK
TC
[5:0] (x6)
TIOAx, TIOBx
TCLKx
2
2
PIO
A – D
AIC
DBGU
PMC
WDT
GPBR
RTC /
RTT
RSTC
SHDWC
PLLA
UTMI
PLL
Slow RC
Osc.
32768 Hz
Xtal Osc.
Main RC
Osc.
Main Xtal
Osc.
Clock Generator
VDDCORE
POR
VDDBU
POR
VDDOSC
POR
VDDPLL
REG
Clock
Sources
System
Clocks
System Controller
FLEXCOM
0,1,2,3
6,7,8,9,10
9
FLEXCOMx_IO[2:0]
FLEXCOMx_IO[6:3]
H
OTPC
C
SRAM1
(4 kB)
H
H
XDMA
TRNG
TDES
AES
SHA
SSC
RF, RK
RD
TD
TF, TK
CLASSD
CLASSD_L[3:0]
CLASSD_R[3:0]
I2SMCC
I2SMCC_MCK, I2SMCC_ DOUT
I2SMCC_WS, I2SMCC_CK
I2SMCC_DIN
RTUNE
NTRST
PIO
C
2
SRAM0
(64 kB)
PUFSRAM
(4 kB)
PIT64B (x2)
D-PHY
CSI2
DSI
PUF
LCDC_DISP, LCDC_PWM
LCDC_VSYNC, LCDC_HSYNC
LCDC_DAT[23:0]
LCDC_PCLK, LCDC_EN
ISC_MCK
ISC_HSYNC, ISC_VSYNC
ISC_PCK
ISC_D[11:0]
NAND
ISC_FIELD
LVDS_A[3:0]P
LVDS_A[3:0]M
DQS
QINT
Audio
PLL
G125CK, GRXCK
FLEXCOM
4,5,11,12
4
FLEXCOMx_IO[2:0]
FLEXCOMx_IO[6:3]
DDR_ZQ
DDR_VREF
DDRM_ZQ
GND
LVDS_CLK1M/P
MIPI_DN[3:0]/DP[3:0]
MIPI_CLKN/P
SDMMC
[2:0] (x2)
DDRM_VDD
MIPI_REXT
DDR3L
SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com