Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75 Datasheet(PDF) 3 Page - Microchip Technology

Part # SAM9X75
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75 Datasheet(HTML) 3 Page - Microchip Technology

  SAM9X75 Datasheet HTML 1Page - Microchip Technology SAM9X75 Datasheet HTML 2Page - Microchip Technology SAM9X75 Datasheet HTML 3Page - Microchip Technology SAM9X75 Datasheet HTML 4Page - Microchip Technology SAM9X75 Datasheet HTML 5Page - Microchip Technology SAM9X75 Datasheet HTML 6Page - Microchip Technology SAM9X75 Datasheet HTML 7Page - Microchip Technology SAM9X75 Datasheet HTML 8Page - Microchip Technology SAM9X75 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
SAM9X75 SiP
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 3
• Hardware Cryptography
– SHA (SHA1, SHA224, SHA256, SHA384, SHA512) and HMAC compliant with FIPS PUB 180
– AES: 256-, 192-, 128-bit key algorithms compliant with FIPS PUB 197
– AES/SHA tight coupling for IPsec hardware acceleration
– TDES: 2-key or 3-key algorithms compliant with FIPS PUB 46
– True random number generator compliant with NIST Special Publication 800-22 Test Suite and FIPS PUBs
140-2 and 140-3
– Key bus providing private key transfers between AES, TDES, TRNG, OTPC
– Physical Unclonable Function (PUF) including NIST SP 800-90B (DRNG) and embedding four Kbytes of
SRAM (PUFSRAM)
• I/O Ports
– Four 32-bit parallel input/output controllers
– Up to 106 programmable I/O lines multiplexed with up to four peripheral I/Os
– Input change interrupt capability on each I/O line, optional Schmitt trigger input
– Individually programmable open-drain, pull-up and pull-down resistors, synchronous output
– General-purpose analog and digital inputs tolerant to positive and negative current injection
• Package
– 16x16 mm2, 0.8-mm pitch, 243-ball BGA optimized for standard class PCB layout (down to four layers)
• Design for low ElectroMagnetic Interference (EMI)
– Slewrate-controlled I/Os
– DDR PHY with impedance-calibrated drivers
– Spread spectrum PLLs
– BGA power/ground ball assignment to provide optimum decoupling capacitors placement
• Operating Conditions
– Junction temperature (TJ) range: -40°C to +125°C
– Ambient temperature (TA) range: -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com