Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75 Datasheet(PDF) 1 Page - Microchip Technology

Part # SAM9X75
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75 Datasheet(HTML) 1 Page - Microchip Technology

  SAM9X75 Datasheet HTML 1Page - Microchip Technology SAM9X75 Datasheet HTML 2Page - Microchip Technology SAM9X75 Datasheet HTML 3Page - Microchip Technology SAM9X75 Datasheet HTML 4Page - Microchip Technology SAM9X75 Datasheet HTML 5Page - Microchip Technology SAM9X75 Datasheet HTML 6Page - Microchip Technology SAM9X75 Datasheet HTML 7Page - Microchip Technology SAM9X75 Datasheet HTML 8Page - Microchip Technology SAM9X75 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 1
Scope
This document is an overview of the main features of the SAM9X75 SiP microprocessor. The sole reference
documents for product information on SAM9X7 Series microprocessors and DDR3L SDRAM memories are listed
in Reference Documents.
Introduction
The SAM9X75 SiP integrates the ARM926 Arm® processor-based SAM9X75 MPU with an up to 2-Gbit DDR3L
SDRAM. By combining the SAM9X75 with a DDR SDRAM in a single package, PCB routing complexity, area and
number of layers are reduced in the majority of cases. This makes board design easier and more robust by
facilitating design for EMI, ESD and signal integrity.
The following SDRAM memory types and densities are available:
• 1-Gbit DDR3L SDRAM
• 2-Gbit DDR3L SDRAM
Reference Documents
Type
Name
Available
Literature No.
Data sheet
SAM9X7 Series
www.microchip.com
DS60001813
Data sheet
8M × 8 BANKS × 16 BIT DDR3L SDRAM (1 Gbit)
www.winbond.com
W631GU6NB
Data sheet
16M × 8 BANKS × 16 BIT DDR3L SDRAM (2 Gbits)
www.winbond.com
W632GU6NB
Features
• CPU Running up to 800 MHz
– ARM926EJ-S Arm Thumb® processor
– 32-Kbyte data cache, 32-Kbyte instruction cache, Memory Management Unit (MMU)
• Memories
– One 176-Kbyte internal ROM
• 80-Kbyte internal ROM embedding a secure bootloader program supporting boot on NAND Flash,
SD Card, SPI or QSPI Flash; bootloader features selectable by OTP bits
• 96-Kbyte ROM for NAND Flash BCH ECC table
– One 64-Kbyte internal SRAM (SRAM0), single cycle access at system speed
– Internal DDR3L SDRAM running at up to 266 MHz
– External Bus Interface (EBI) supporting:
• 8-bit NAND Flash with up to 24-bit programmable multi-bit error correcting code
– One 10-Kbyte OTP memory for secure key storage with Emulation mode (OTP bits are emulated by a
4-Kbyte SRAM (SRAM1))
• System Running up to 266 MHz
SAM9X75 System-in-Package (SiP) MPU with 1
‑Gbit
or 2
‑Gbit DDR3L SDRAM
SAM9X75 SiP


Similar Part No. - SAM9X75

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9X35 ATMEL-SAM9X35 Datasheet
5Mb / 1375P
SMART ARM-based Embedded MPU
logo
Microchip Technology
SAM9X60 MICROCHIP-SAM9X60 Datasheet
759Kb / 40P
SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
SAM9X60SIP MICROCHIP-SAM9X60SIP Datasheet
759Kb / 40P
SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
More results

Similar Description - SAM9X75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T1G400AF INFINEON-HYB18T1G400AF Datasheet
1Mb / 89P
1 Gbit DDR2 SDRAM
V1.02, May 2004
logo
Qimonda AG
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
1-Gbit DDR2 SDRAM
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
1-Gbit Double-Data-Rate-Two SDRAM
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
1-Gbit GDDR3 Graphics SDRAM
logo
Maxwell Technologies
72SD3232B MAXWELL-72SD3232B Datasheet
601Kb / 41P
1 Gbit SDRAM
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
Microchip Technology
SAMA5D2 MICROCHIP-SAMA5D2 Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
SAM9X60 MICROCHIP-SAM9X60 Datasheet
759Kb / 40P
SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com