Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F360 Datasheet(PDF) 49 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 45Page - Silicon Laboratories C8051F360 Datasheet HTML 46Page - Silicon Laboratories C8051F360 Datasheet HTML 47Page - Silicon Laboratories C8051F360 Datasheet HTML 48Page - Silicon Laboratories C8051F360 Datasheet HTML 49Page - Silicon Laboratories C8051F360 Datasheet HTML 50Page - Silicon Laboratories C8051F360 Datasheet HTML 51Page - Silicon Laboratories C8051F360 Datasheet HTML 52Page - Silicon Laboratories C8051F360 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 288 page
background image
Rev. 1.0
49
C8051F360/1/2/3/4/5/6/7/8/9
5.2.
Temperature Sensor
The typical temperature sensor transfer function is shown in Figure 5.2. The output voltage (VTEMP) is the
positive ADC input when the temperature sensor is selected by bits AMX0P4-0 in register AMX0P.
0
-50
50
100
(Celsius)
VTEMP = Slope*(TEMPC) + Offset mV
700
800
900
1000
1100
(mV)
1200
Figure 5.2. Typical Temperature Sensor Transfer Function
The uncalibrated temperature sensor output is extremely linear and suitable for relative temperature mea-
surements (see Table 5.1 for linearity specifications). For absolute temperature measurements, gain and/
or offset calibration is recommended. Typically a 1-point calibration includes the following steps:
Step 1. Control/measure the ambient temperature (this temperature must be known).
Step 2. Power the device, and delay for a few seconds to allow for self-heating.
Step 3. Perform an ADC conversion with the temperature sensor selected as the positive input
and GND selected as the negative input.
Step 4. Calculate the offset and/or gain characteristics, and store these values in non-volatile
memory for use with subsequent temperature sensor measurements.
Figure 5.3 shows the typical temperature sensor error assuming a 1-point calibration at 25 °C. Note that
parameters which affect ADC measurement, in particular the voltage reference value, will also
affect temperature measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com