Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F360 Datasheet(PDF) 34 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 30Page - Silicon Laboratories C8051F360 Datasheet HTML 31Page - Silicon Laboratories C8051F360 Datasheet HTML 32Page - Silicon Laboratories C8051F360 Datasheet HTML 33Page - Silicon Laboratories C8051F360 Datasheet HTML 34Page - Silicon Laboratories C8051F360 Datasheet HTML 35Page - Silicon Laboratories C8051F360 Datasheet HTML 36Page - Silicon Laboratories C8051F360 Datasheet HTML 37Page - Silicon Laboratories C8051F360 Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
34
Rev. 1.0
Other electrical characteristics tables are found in the data sheet section corresponding to the associated
peripherals. For more information on electrical characteristics for a specific peripheral, refer to the page
indicated in Table 3.2.
Digital Supply Current—CPU Inactive (Idle Mode, not fetching instructions from Flash)
IDD2
VDD = 3.6 V, F = 100 MHz
—
36
40
mA
VDD = 3.6 V, F = 25 MHz
—
9
12
mA
VDD = 3.0 V, F = 100 MHz
—
30
35
mA
VDD = 3.0 V, F = 25 MHz
—
7
9
mA
VDD = 3.0 V, F = 1 MHz
—
0.24
—
mA
VDD = 3.0 V, F = 80 kHz
—
19
—
µA
IDD Supply Sensitivity3
F = 25 MHz
—
44
—
%/V
F = 1 MHz
—
43.7
—
%/V
IDD Frequency Sensitivity3,5 VDD = 3.0 V, F <= 1 MHz, T = 25 °C
—
0.24
—
mA/MHz
VDD = 3.0 V, F > 1 MHz, T = 25 °C
—
0.25
—
mA/MHz
VDD = 3.6 V, F <= 1 MHz, T = 25 °C
—
0.31
—
mA/MHz
VDD = 3.6 V, F > 1 MHz, T = 25 °C
—
0.32
—
mA/MHz
Digital Supply Current
(Stop Mode, shutdown)
Oscillator not running,
VDD Monitor Disabled
—< 0.1
—
µA
Notes:
1. SYSCLK must be at least 32 kHz to enable debugging.
2. SYSCLK is the internal device clock. For operational speeds in excess of 30 MHz, SYSCLK must be derived
from the Phase-Locked Loop (PLL).
3. Based on device characterization data; Not production tested.
4. IDD can be estimated for frequencies < 20 MHz by simply multiplying the frequency of interest by the frequency
sensitivity number for that range. When using these numbers to estimate IDD for >20 MHz, the estimate should
be the current at 25 MHz minus the difference in current indicated by the frequency sensitivity number. For
example: VDD = 3.0 V; F = 20 MHz, IDD = 15.9 mA - (25 MHz - 20 MHz) * 0.38 mA/MHz = 14 mA.
5. Idle IDD can be estimated for frequencies < 1 MHz by simply multiplying the frequency of interest by the
frequency sensitivity number for that range. When using these numbers to estimate Idle IDD for >1 MHz, the
estimate should be the current at 25 MHz minus the difference in current indicated by the frequency sensitivity
number. For example: VDD = 3.0 V; F = 5 MHz, Idle IDD = 7.2 mA - (25 MHz - 5 MHz) * 0.25 mA/MHz = 2.2 mA.
Table 3.1. Global Electrical Characteristics (Continued)
–40 to +85 °C, 25 MHz system clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com