Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F360 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 9Page - Silicon Laboratories C8051F360 Datasheet HTML 10Page - Silicon Laboratories C8051F360 Datasheet HTML 11Page - Silicon Laboratories C8051F360 Datasheet HTML 12Page - Silicon Laboratories C8051F360 Datasheet HTML 13Page - Silicon Laboratories C8051F360 Datasheet HTML 14Page - Silicon Laboratories C8051F360 Datasheet HTML 15Page - Silicon Laboratories C8051F360 Datasheet HTML 16Page - Silicon Laboratories C8051F360 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 288 page
background image
Rev. 1.0
13
C8051F360/1/2/3/4/5/6/7/8/9
17. Port Input/Output
Table 17.1. Port I/O DC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 201
18. SMBus
Table 18.1. SMBus Clock Source Selection .......................................................... 206
Table 18.2. Minimum SDA Setup and Hold Times ................................................ 207
Table 18.3. Sources for Hardware Changes to SMB0CN ..................................... 211
Table 18.4. SMBus Status Decoding ..................................................................... 217
19. UART0
Table 19.1. Timer Settings for Standard Baud Rates
Using The Internal 24.5 MHz Oscillator .............................................. 227
Table 19.2. Timer Settings for Standard Baud Rates
Using an External 25.0 MHz Oscillator ............................................... 228
Table 19.3. Timer Settings for Standard Baud Rates
Using an External 22.1184 MHz Oscillator ......................................... 229
Table 19.4. Timer Settings for Standard Baud Rates
Using an External 18.432 MHz Oscillator ........................................... 230
Table 19.5. Timer Settings for Standard Baud Rates
Using an External 11.0592 MHz Oscillator ......................................... 231
Table 19.6. Timer Settings for Standard Baud Rates
Using an External 3.6864 MHz Oscillator ........................................... 232
Table 19.7. Timer Settings for Standard Baud Rates Using the PLL .................... 233
Table 19.8. Timer Settings for Standard Baud Rates Using the PLL .................... 233
20. Enhanced Serial Peripheral Interface (SPI0)
Table 20.1. SPI Slave Timing Parameters ............................................................ 246
21. Timers
22. Programmable Counter Array
Table 22.1. PCA Timebase Input Options ............................................................. 265
Table 22.2. PCA0CPM Register Settings for PCA Capture/Compare Modules .... 267
Table 22.3. Watchdog Timer Timeout Intervals ..................................................... 275
23. Revision Specific Behavior
24. C2 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com