Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F360 Datasheet(PDF) 23 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 19Page - Silicon Laboratories C8051F360 Datasheet HTML 20Page - Silicon Laboratories C8051F360 Datasheet HTML 21Page - Silicon Laboratories C8051F360 Datasheet HTML 22Page - Silicon Laboratories C8051F360 Datasheet HTML 23Page - Silicon Laboratories C8051F360 Datasheet HTML 24Page - Silicon Laboratories C8051F360 Datasheet HTML 25Page - Silicon Laboratories C8051F360 Datasheet HTML 26Page - Silicon Laboratories C8051F360 Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 288 page
background image
Rev. 1.0
23
C8051F360/1/2/3/4/5/6/7/8/9
1.1.3. Additional Features
The C8051F36x SoC family includes several key enhancements to the CIP-51 core and peripherals to
improve performance and ease of use in end applications.
The extended interrupt handler provides 16 interrupt sources into the CIP-51 (as opposed to 7 for the stan-
dard 8051), allowing numerous analog and digital peripherals to interrupt the controller. An interrupt driven
system requires less intervention by the MCU, giving it more effective throughput. The extra interrupt
sources are very useful when building multi-tasking, real-time systems.
Eight reset sources are available: power-on reset circuitry (POR), an on-chip VDD Monitor (forces reset
when power supply voltage drops below VRST as given in Table 12.1 on page 134), a Watchdog Timer, a
Missing Clock Detector, a voltage level detection from Comparator0, a forced software reset, an external
reset pin, and an illegal Flash access protection circuit. Each reset source except for the POR, Reset Input
Pin, or Flash error may be disabled by the user in software. The WDT may be permanently enabled in soft-
ware after a power-on reset during MCU initialization.
The internal oscillator factory calibrated to 24.5 MHz ±2%. This internal oscillator period may be user pro-
grammed in ~0.5% increments. An additional low-frequency oscillator is also available which facilitates
low-power operation. An external oscillator drive circuit is included, allowing an external crystal, ceramic
resonator, capacitor, RC, or CMOS clock source to generate the system clock. If desired, the system clock
source may be switched on-the-fly between both internal and external oscillator circuits. An external oscil-
lator can also be extremely useful in low power applications, allowing the MCU to run from a slow (power
saving) source, while periodically switching to the fast (up to 25 MHz) internal oscillator as needed. Addi-
tionally, an on-chip PLL is provided to achieve higher system clock speeds for increased throughput.
PCA
WDT
Missing
Clock
Detector
(one-
shot)
(Software Reset)
System Reset
Reset
Funnel
Px.x
Px.x
EN
SWRSF
System
Clock
CIP-51
Microcontroller
Core
Extended Interrupt
Handler
Clock Select
EN
Errant
FLASH
Operation
/RST
(wired-OR)
Power On
Reset
'0'
+
-
Comparator 0
C0RSEF
VDD
+
-
Supply
Monitor
Enable
XTAL1
XTAL2
External
Oscillator
Drive
Low
Frequency
Oscillator
Internal
Oscillator
PLL
Circuitry
Figure 1.5. On-Chip Clock and Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com